Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4572 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4572
Description  High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4572 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4572 Datasheet HTML 1Page - Monolithic Power Systems MP4572 Datasheet HTML 2Page - Monolithic Power Systems MP4572 Datasheet HTML 3Page - Monolithic Power Systems MP4572 Datasheet HTML 4Page - Monolithic Power Systems MP4572 Datasheet HTML 5Page - Monolithic Power Systems MP4572 Datasheet HTML 6Page - Monolithic Power Systems MP4572 Datasheet HTML 7Page - Monolithic Power Systems MP4572 Datasheet HTML 8Page - Monolithic Power Systems MP4572 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MP4572
– 60V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4572 Rev. 1.0
www.MonolithicPower.com
3
3/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating**
MP4572GQB
QFN-12 (2.5mmx3mm)
See Below
1
* For Tape & Reel, add suffix
–Z (e.g. MP4572GQB–Z).
** Moisture Sensitivity Level Rating.
TOP MARKING
AVN: Product code of MP4572GQB
Y: Year code
WW: Week code
LLL: Lot number
PACKAGE REFERENCE
1
2
3
4
5
6
7
8
TOP VIEW
FB
VCC
EN
BST
SW
IN
GND
9
10
11
12
PG
FREQ
NC
NC
SYNCO
CCM/
QFN-12 (2.5mmx3mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com