Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4572 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4572
Description  High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4572 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4572 Datasheet HTML 1Page - Monolithic Power Systems MP4572 Datasheet HTML 2Page - Monolithic Power Systems MP4572 Datasheet HTML 3Page - Monolithic Power Systems MP4572 Datasheet HTML 4Page - Monolithic Power Systems MP4572 Datasheet HTML 5Page - Monolithic Power Systems MP4572 Datasheet HTML 6Page - Monolithic Power Systems MP4572 Datasheet HTML 7Page - Monolithic Power Systems MP4572 Datasheet HTML 8Page - Monolithic Power Systems MP4572 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MP4572
– 60V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4572 Rev. 1.0
www.MonolithicPower.com
4
3/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
BST
Bootstrap. Connect a capacitor between SW and BST to form a floating supply across the
high-side switch driver.
2
SW
Switch output. SW is the output of the internal power switches. A wide PCB trace is
recommended.
3
PG
Power good indicator. The pin is an open drain; it requires a pull-up resistor to the power
source. PG is pulled up to the power source if the output voltage is within 90% to 108% of
the nominal voltage. It goes low when the output voltage exceeds 116% or falls below 94%
of the nominal voltage.
4
FB
Feedback point. FB is the negative input of the error amplifier. Connect FB to the tap of an
external resistor divider between the output and GND to set the regulation voltage. In
addition, power good and under-voltage lockout circuits use FB to monitor the output
voltage.
5
FREQ
Configurable switching frequency. Connect a resistor to GND to set the switching
frequency.
6
VCC
Internal bias supply. VCC supplies power to the internal control circuit and gate drivers. A
minimum 1µF decoupling capacitor to ground is required close to this pin.
7
GND
IC ground. Connect the pin to larger copper areas to the negative terminals of the input and
output capacitors.
8
IN
Input supply. This pin supplies all power to the converter. Place a decoupling capacitor to
ground, as close as possible to the IC, to reduce switching spikes.
9, 10
NC
No connection. These pins can be connected to GND to improve thermal and EMI
performance in PCB layout.
11
CCM/
SYNCO
Mode selection/synchronization output. Connect the CCM pin to GND through a 10k
Ω to
300k
Ω resistor to force the converter into CCM. Float the CCM pin for nonsynchronous AAM
mode under light-load conditions. CCM/SYNCO is a synchronization output pin. It outputs a
180° out-of-phase clock to the other devices.
12
EN
Enable. Drive EN high to turn on the device, and drive it low or float it to turn off the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com