Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7563PD Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7563PD
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563PD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7563PD Datasheet HTML 4Page - STMicroelectronics TDA7563PD Datasheet HTML 5Page - STMicroelectronics TDA7563PD Datasheet HTML 6Page - STMicroelectronics TDA7563PD Datasheet HTML 7Page - STMicroelectronics TDA7563PD Datasheet HTML 8Page - STMicroelectronics TDA7563PD Datasheet HTML 9Page - STMicroelectronics TDA7563PD Datasheet HTML 10Page - STMicroelectronics TDA7563PD Datasheet HTML 11Page - STMicroelectronics TDA7563PD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TDA7563PD
8/21
Figure 17. Power Dissipation vs. Average
Ouput Power (Audio Program
Simulation, 4
Ω)
Figure 18. Power Dissipation vs. Average
Ouput Power (Audio Program
Simulation, 2
Ω)
01
234
5
Po (W)
0
5
10
15
20
25
30
35
40
45
Ptot (W)
Vs = 14 V
RL = 4 x 4 Ohm
GAUSSIAN NOISE
STD MODE
HI-EFF MODE
CLIP
START
0
1
2
3
45
6789
Po (W)
0
10
20
30
40
50
60
70
80
90
Ptot (W)
Vs = 14 V
RL = 4 x 2 Ohm
GAUSSIAN NOISE
STD MODE
HI-EFF MODE
CLIP
START
3
Diagnostics Functional Description:
a) TURN-ON DIAGNOSTIC
It is activated at the turn-on (stand-by out) under I2Cbus request. Detectable output faults are:
– SHORT TO GND
– SHORT TO Vs
– SHORT ACROSS THE SPEAKER
– OPEN SPEAKER
To verify if any of the above misconnections are in place, a subsonic (inaudible) current pulse (fig. 19) is inter-
nally generated, sent through the speaker(s) and sunk back.The Turn On diagnostic status is internally stored
until a successive diagnostic pulse is requested (after a I2C reading).
If the "stand-by out" and "diag. enable" commands are both given through a single programming step, the pulse
takes place first (power stage still in stand-by mode, low, outputs= high impedance).
Afterwards, when the Amplifier is biased, the PERMANENT diagnostic takes place. The previous Turn On state
is kept until a short appears at the outputs.
Figure 19. Turn - On diagnostic: working principle
CH-
CH+
Isource
Vs~5V
Isink
t (ms)
I (mA)
Isink
Isource
~100mS
Measure time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com