Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7563PD Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7563PD
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563PD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7563PD Datasheet HTML 11Page - STMicroelectronics TDA7563PD Datasheet HTML 12Page - STMicroelectronics TDA7563PD Datasheet HTML 13Page - STMicroelectronics TDA7563PD Datasheet HTML 14Page - STMicroelectronics TDA7563PD Datasheet HTML 15Page - STMicroelectronics TDA7563PD Datasheet HTML 16Page - STMicroelectronics TDA7563PD Datasheet HTML 17Page - STMicroelectronics TDA7563PD Datasheet HTML 18Page - STMicroelectronics TDA7563PD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15/21
TDA7563PD
10
SOFTWARE SPECIFICATIONS
All the functions of the TDA7563PD are activated by I2C interface.
The bit 0 of the "ADDRESS BYTE" defines if the next bytes are write instruction (from
µP to TDA7563PD) or
read instruction (from TDA7563PD to
µP).
Chip Address:
X = 0 Write to device
X = 1 Read from device
If R/W = 0, the
µP sends 2 "Instruction Bytes": IB1 and IB2.
Table 6. IB1
Table 7. IB2
If R/W = 1, the TDA7563PD sends 4 "Diagnostics Bytes" to
µP: DB1, DB2, DB3 and DB4.
D7
D0
11
01
10
0
X
D8 Hex
D7
X
D6
Diagnostic enable (D6 = 1)
Diagnostic defeat (D6 = 0)
D5
Offset Detection enable (D5 = 1)
Offset Detection defeat (D5 = 0)
D4
Front Channel
Gain = 30dB (D4 = 0)
Gain = 16dB (D4 = 1)
D3
Rear Channel
Gain = 30dB (D3 = 0)
Gain = 16dB (D3 = 1)
D2
Mute front channels (D2 = 0)
Unmute front channels (D2 = 1)
D1
Mute rear channels (D1 = 0)
Unmute rear channels (D1 = 1)
D0
CD 2% (D0 = 0)
CD 10% (D0 = 1)
D7
X
D6
used for testing
D5
used for testing
D4
Stand-by on - Amplifier not working - (D4 = 0)Stand-by off - Amplifier working - (D4 = 1)
D3
Power amplifier mode diagnostic (D3 = 0)Line driver mode diagnostic (D3 = 1)
D2
X
D1
Right ChannelPower amplifier working in standard mode (D1 = 0)Power amplifier working in high
efficiency mode (D1 = 1)
D0
Left ChannelPower amplifier working in standard mode (D0 = 0)Power amplifier working in high efficiency
mode (D0 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com