Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7563PDTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7563PDTR
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563PDTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7563PDTR Datasheet HTML 3Page - STMicroelectronics TDA7563PDTR Datasheet HTML 4Page - STMicroelectronics TDA7563PDTR Datasheet HTML 5Page - STMicroelectronics TDA7563PDTR Datasheet HTML 6Page - STMicroelectronics TDA7563PDTR Datasheet HTML 7Page - STMicroelectronics TDA7563PDTR Datasheet HTML 8Page - STMicroelectronics TDA7563PDTR Datasheet HTML 9Page - STMicroelectronics TDA7563PDTR Datasheet HTML 10Page - STMicroelectronics TDA7563PDTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
TDA7563PD
Figure 11. Distortion vs. Frequency (4
Ω)
Figure 12. Distortion vs. Frequency (2
Ω)
Figure 13. Crosstalk vs. Frequency
Figure 14. Supply Voltage Rejection vs. Freq.
Figure 15. Power Dissipation & Efficiency vs.
Output Power (4
Ω, STD, SINE)
Figure 16. Power Dissipation & Efficiency vs.
Output Power (4W, HI-EFF, SINE)
10
100
1000
10000
f (Hz)
0.01
0.1
1
10
THD (%)
STANDARD MODE
Vs = 14.4 V
RL = 4 Ohm
Po = 4 W
10
100
1000
10000
f (Hz)
0.01
0.1
1
10
THD (%)
STANDARD MODE
Vs = 14.4 V
RL = 2 Ohm
Po = 4 W
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
CROSSTALK (dB)
STANDARD MODE
RL = 4 Ohm
Po = 4 W
Rg = 600 Ohm
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
SVR (dB)
STD & HE MODE
Rg = 600 Ohm
Vripple = 1 Vpk
0246
8
10 12 14 16 18 20 22 24 26 28 30
Po (W)
0
10
20
30
40
50
60
70
80
90
Ptot (W)
0
10
20
30
40
50
60
70
80
90
n (%)
Ptot
STANDARD MODE
Vs = 14.4 V
RL = 4 x 4 Ohm
f = 1 KHz SINE
n
Po (W)
0.1
1
10
0
10
20
30
40
50
60
70
80
90
Ptot (W)
0
10
20
30
40
50
60
70
80
90
n (%)
n
Ptot
HI-EFF MODE
Vs = 14.4 V
RL = 4 x 4 Ohm
f = 1 KHz SINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com