Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7563PDTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7563PDTR
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563PDTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7563PDTR Datasheet HTML 7Page - STMicroelectronics TDA7563PDTR Datasheet HTML 8Page - STMicroelectronics TDA7563PDTR Datasheet HTML 9Page - STMicroelectronics TDA7563PDTR Datasheet HTML 10Page - STMicroelectronics TDA7563PDTR Datasheet HTML 11Page - STMicroelectronics TDA7563PDTR Datasheet HTML 12Page - STMicroelectronics TDA7563PDTR Datasheet HTML 13Page - STMicroelectronics TDA7563PDTR Datasheet HTML 14Page - STMicroelectronics TDA7563PDTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
TDA7563PD
2 DIAGNOSTIC mode. It is enabled via I2C bus and self activates if an output overload (such to cause
the intervention of the short-circuit protection) occurs to the speakers outputs . Once activated, the di-
agnostics procedure develops as follows (fig. 26):
– To avoid momentary re-circulation spikes from giving erroneous diagnostics, a check of the output sta-
tus is made after 1ms: if normal situation (no overloads) is detected, the diagnostic is not performed and
the channel returns back active.
– Instead, if an overload is detected during the check after 1 ms, then a diagnostic cycle having a duration
of about 100 ms is started.
– After a diagnostic cycle, the audio channel interested by the fault is switched to RESTART mode. The
relevant data are stored inside the device and can be read by the microprocessor. When one cycle has
terminated, the next one is activated by an I2C reading. This is to ensure continuous diagnostics
throughout the car-radio operating time.
– To check the status of the device a sampling system is needed. The timing is chosen at microprocessor
level (over half a second is recommended).
Figure 25. Restart timing without Diagnostic Enable (Permanent) - Each 1mS time, a sampling of
the fault is done
Figure 26. Restart timing with Diagnostic Enable (Permanent)
4
OUTPUT DC OFFSET DETECTION
Any DC output offset exceeding ±2 V are signalled out. This inconvenient might occur as a consequence of ini-
tially defective or aged and worn-out input capacitors feeding a DC component to the inputs, so putting the
speakers at risk of overheating.
This diagnostic has to be performed with low-level output AC signal (or Vin = 0).
The test is run with selectable time duration by microprocessor (from a "start" to a "stop" command):
t
1-2mS
1mS
1mS
1mS
1mS
Overcurrent and short
circuit protection intervention
(i.e. short circuit to GND)
Short circuit removed
Out
t
Overcurrent and short
circuit protection intervention
(i.e. short circuit to GND)
Short circuit removed
1-2mS
100/200mS
1mS
1mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com