Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBO40 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VBO40
Description  Single Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO40 Datasheet(HTML) 2 Page - IXYS Corporation

  VBO40 Datasheet HTML 1Page - IXYS Corporation VBO40 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
0.001
0.01
0.1
1
0
50
100
150
200
250
23
4
5 6 7 8 9
110
101
102
103
0.00.5
1.01.5
2.0
0
10
20
30
40
50
60
70
80
0
102030405060
0
40
80
120
160
200
0
20
40
60
80 100 120 140
0.001
0.01
0.1
1
10
0.0
0.4
0.8
1.2
1.6
2.0
I
2t
I
FSM
I
F
A
V
F
t
s
t
ms
P
tot
W
I
d(AV)M
A
T
amb
t
s
K/W
A
2s
0
20 40 60 80 100 120 140
0
10
20
30
40
50
I
d(AV)M
T
C
A
V
A
°C
°C
VBO 40
T
VJ = 45°C
50Hz, 80% V
RRM
V
R = 0 V
Fig. 1 Forward current versus voltage
drop per diode
Fig. 2 Surge overload current
Fig. 3 I2t versus time per diode
Fig. 4 Power dissipation versus direct output current and ambient temperature
Fig. 5 Max. forward current versus case
temperature
Fig. 6 Transient thermal impedance junction to case
R
thHA :
0.1 K/W
0.5 K/W
1.0 K/W
2.0 K/W
4.0 K/W
7.0 K/W
T
VJ = 150°C
T
VJ = 45°C
T
VJ=125°C
T
VJ= 25°C
T
VJ = 150°C
Z
thJC
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.081
0.00024
2
0.1449
0.0036
3
0.2982
0.0235
4
0.735
0.142
5
0.441
0.7
VBO 40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com