Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBO40 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VBO40
Description  Single Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO40 Datasheet(HTML) 1 Page - IXYS Corporation

  VBO40 Datasheet HTML 1Page - IXYS Corporation VBO40 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
Symbol
Test Conditions
Maximum Ratings
I
dAV
T
C = 100°C
(diode)
20
A
I
dAV
x
(module)
40
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
300
A
V
R = 0
t = 8.3 ms (60 Hz), sine
320
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
260
A
V
R = 0
t = 8.3 ms (60 Hz), sine
280
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
450
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
430
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
340
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
330
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
I
ISOL £ 1 mA
2500
V~
M
d
Mounting torque (M4)
1.5/13 Nm/lb.in.
Terminal connection torque (M4)
1.5/13 Nm/lb.in.
Weight
typ.
30
g
V
RSM
V
RRM
Standard
V
V
Types
900
800
VBO 40-08NO6
1300
1200
VBO 40-12NO6
1700
1600
VBO 40-16NO6
I
dAV
= 40 A
V
RRM = 800-1600 V
Features
q
Isolation voltage 2500 V~
q
Planar passivated chips
q
Low forward voltage drop
Applications
q
Supplies for DC power equipment
q
Input rectifiers for PWM inverter
q
Battery DC power supplies
q
Field supply for DC motors
Advantages
q
Easy to mount
q
Space and weight savings
Data according to IEC 60747 and refer to a single diode unless otherwise stated
x for resistive load at bridge output
Symbol
Test Conditions
Characteristic Values
I
R
V
R
= V
RRM;TVJ = 25°C
£
0.3
mA
V
R
= V
RRM;TVJ = TVJM
£
5mA
V
F
I
F
= 20 A;
T
VJ = 25°C
£
1.15
V
V
T0
For power-loss calculations only
0.80
V
r
T
T
VJ = TVJM
13
m
W
R
thJC
per diode; DC current
1.7
K/W
per module
0.42
K/W
R
thCH
per diode, DC current
typ.
0.3
K/W
per module
typ.
0.08
K/W
d
S
Creeping distance on surface
8
mm
d
A
Creepage distance in air z
4mm
a
Max. allowable acceleration
50
m/s2
VBO 40
Single Phase
Rectifier Bridge
+
–
~
~
~
~
–
+
miniBLOC, SOT-227 B
E72873
M4 screws (4x)
supplied
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
37.80
38.30
1.489
1.509
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U
-0.05
0.1
-0.002
0.004
V
3.30
4.57
0.130
0.180
W
0.780
0.830
19.81
21.08


Similar Part No. - VBO40

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO40-08NO6 IXYS-VBO40-08NO6 Datasheet
161Kb / 5P
Standard Rectifier
VBO40-08NO6 IXYS-VBO40-08NO6 Datasheet
161Kb / 5P
Standard Rectifier
logo
Inchange Semiconductor ...
VBO40-08NO6 ISC-VBO40-08NO6 Datasheet
524Kb / 2P
Standard Rectifier Diode
logo
IXYS Corporation
VBO40-12NO6 IXYS-VBO40-12NO6 Datasheet
161Kb / 5P
Standard Rectifier
VBO40-16NO6 IXYS-VBO40-16NO6 Datasheet
161Kb / 5P
Standard Rectifier
More results

Similar Description - VBO40

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com