Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF505
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF505 Datasheet HTML 5Page - Micrel Semiconductor MICRF505 Datasheet HTML 6Page - Micrel Semiconductor MICRF505 Datasheet HTML 7Page - Micrel Semiconductor MICRF505 Datasheet HTML 8Page - Micrel Semiconductor MICRF505 Datasheet HTML 9Page - Micrel Semiconductor MICRF505 Datasheet HTML 10Page - Micrel Semiconductor MICRF505 Datasheet HTML 11Page - Micrel Semiconductor MICRF505 Datasheet HTML 12Page - Micrel Semiconductor MICRF505 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
May 13, 2004
9
M9999-051304
MICRF505
Micrel
How to write:
Bring CS active to start a write sequence. The active state of
the CS line is “high.” Use the SCLK/IO serial interface to clock
“Address” and “R/W bit and “Values” into the MICRF505.
MICRF505 will sample the IO line at negative edges of SCLK.
Make sure to change the state of the IO line before the
negative edge. Refer to figures below.
Bring CS inactive to make an internal load-signal and com-
plete the write-sequence. Note: There is an exception to this
point. If the programming bit called “load_en” (bit0 in
ControlRegister0) is “0”, then no load pulse is generated.
The two different ways to “program the chip” are:
• Write to a number of control registers (0-22) when
the registers have incremental addresses (write to
1, all, or n registers)
• Write to a number of control registers when the
registers have non-incremental addresses
Writing to a Single Register
Writing to a control register with address “A6, A5, ... A0” is
described here. During operation, writing to 1 register is
sufficient to change the way the transceiver works. Typical
example: Change from receive mode to power-down.
Field
Comments
Address:
7 bit = A6, A5, ... A0 (A6 = msb, A0 = lsb)
R/W bit:
“0” for writing
Values:
8 bits = D7, D6, ... D0 (D7 = msb, D0 = lsb)
Table 3. ”Address” and “R/W bit” together make 1 octet.
In addition, 1 octet with programming bits is entered. Totally, 2 octets are clocked into the MICRF505.
D0
D1
D2
D6
D7
RW
A0
A5
A6
CS
SCLK
IO
Address of register i RW
Data to write into register i
Internal load pulse made here
Figure 1.
In Figure 1, IO is changed at positive edges of SCLK. The MICRF505 samples the IO line at negative edges. The value of the
R/W bit is always “0” for writing.
Writing to All Registers
After a power-on, all writable registers should be written. This
is described here.
Writing to all registers can be done at any time. To get the
simplest firmware, always write to all registers. The price to
pay for the simplicity is increased write-time, which leads to
increased time to change the way the MICRF505 works.
What to write
Field
Comments
Address:
'0000000' (address of the first register to write to, which is 0)
R/W bit:
“0” for writing
Values:
1st Octet: wanted values for ControlRegister0. 2nd octet: wanted values for ControlRegister1 and so on for all of the
octets. So the 22nd octet wants values for ControlRegister21. Refer to the specific sections of this document for actual
values.
Table 4. “Address” and “R/W bit” together make 1 octet. In addition, 22 octets with programming bits are
entered. Totally, 23 octets are clocked into the MICRF505.
How to write:
• Bring CS high
• Use SCLK and IO to clock in the 2 octets
• Bring CS low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com