Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MICRF505
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MICRF505 Datasheet HTML 17Page - Micrel Semiconductor MICRF505 Datasheet HTML 18Page - Micrel Semiconductor MICRF505 Datasheet HTML 19Page - Micrel Semiconductor MICRF505 Datasheet HTML 20Page - Micrel Semiconductor MICRF505 Datasheet HTML 21Page - Micrel Semiconductor MICRF505 Datasheet HTML 22Page - Micrel Semiconductor MICRF505 Datasheet HTML 23Page - Micrel Semiconductor MICRF505 Datasheet HTML 24Page - Micrel Semiconductor MICRF505 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
May 13, 2004
21
M9999-051304
MICRF505
Micrel
Bit Synchronizer
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000110
—
ModclkS2
ModclkS1
ModclkS0
BitSync_clkS2 BitSync_clkS1 BitSync_clkS0 BitRate_clkS2
0000111
BitRate_clkS1 BitRate_clkS0
RefClk_K5
RefClk_K4
RefClk_K3
RefClk_K2
RefClk_K1
RefClk_K0
A bit synchronizer can be enabled in receive mode by
selecting the synchronous mode (Sync_en=1). The DataClk-
pin will output a clock with twice the frequency of the bit rate
(a bit rate of 20 kbit/sec gives a DataClk of 20 kHz). A received
symbol/bit on DataIXO will be output on rising edge of
DataClk. The micro controller should therefore sample the
symbol/bit on falling edge of DataClk.
The bit synchronizer uses a clock which needs to be pro-
grammed according to the bit rate. The clock frequency
should be 16 times the actual bit rate (a bit rate of 20 kbit/sec
needs a bit synchronizer clock with frequency of 320 kHz).
The clock frequency is set by the following formula:
f
f
Refclk_K
2
BITSYNC_CLK
XCO
=
¥
-
()
7
BITSYNC clkS
_
where
fBITSYNC_CLK: The bit synchronizer clock fre-
quency
(16 times higher than the bit rate)
fXCO:
Crystal oscillator frequency
Refclk_K:
6 bit divider, values between 1
and 63
BitSync_clkS:
Bit synchronizer setting, values
between 0 and 7
Refclk_K is also used to derive the modulator clock and the
bit rate clock.
At the beginning of a received data package, the bit synchro-
nizer clock frequency is not synchronized to the bit rate.
When these two are maximum offset to each other, it takes 22
bit/symbols before synchronization is achieved.
Transmitter
Power Amplifier
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1
Mode0
Load_en
0000001
Modulation1 Modulation0
"0"
"0"
RSSI_en
LD_en
PF_FC1
PF_FC0
The maximum output power is approximately 10dBm for a
50
W load. For maximum output power the load seen by the
PA must be resistive. Higher output power can be obtained by
decreasing the load impedance. However, this will be in
conflict with obtaining impedance match in the LNA. The
output power is programmable in seven steps, with approxi-
mately 3dB between each step. This is controlled by bits PA2
- PA0. PA2 - PA0 = 1 give the maximum output power.
The power amplifier can be turned off in by settingPA2 - PA0
= 0.
For all other combinations the PA is on and has a maximum
power when PA2 - PA0 = 1. The PA has 7 power levels in this
case.
The output power vary about 3dB over power supply 2.0V to
2.5V and about 2dB over temperature –40ºC to +85ºC. The
2nd and 3rd harmonic of the PA are as follows:
2nd harmonic: <-25dBm
3rd harmonic:
<-15dBm
To reduce the emission of harmonics, a LC filter can be added
between the ANT pin and the antenna as shown in Figure 11.
C8
10pF
C7
10pF
L1
4.7nH
Pin 5
ANT
Figure 14. LC Filter
This filter is designed for the 915MHz band with 50Ohm
terminations. The component values may have to be tuned to
compensate for layout parasitics. This filter may also in-
crease the receiver selectivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com