Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33975A Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33975A
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975A Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33975A Datasheet HTML 17Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 18Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 19Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 20Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 21Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 22Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 23Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 24Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33975
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 5, page 10, is a graphical description of how the
33975 device exits Sleep mode and enters Normal mode.
Notice that the device will exit Sleep mode when the interrupt
timer expires or when a switch change of state occurs. The
falling edge of INT triggers the MCU to wake from Sleep state.
Figure 11 illustrates the current consumed during Sleep
mode. During the 125 µs, the device is fully active and switch
states are read. The quiescent current is calculated by
integrating the normal running current over scan period plus
approximately 60 µA.
Figure 11. Sleep Current Waveform
TEMPERATURE MONITOR
With multiple switch inputs closed and the device
programmed with the wetting current timers disabled,
considerable power will be dissipated by the IC. For this
reason temperature monitoring has been implemented. The
temperature monitor is active in the Normal mode only. When
the IC temperature is above the thermal limit, the temperature
monitor will do all of the following:
• Generate an interrupt.
• Force all wetting current sources to revert to 2.0 mA/
4.0 mA sustain currents
• Maintain the 2.0 mA/4.0 mA sustain currents and all
other functionality.
• Set the thermal flag bit in the SPI output register.
The thermal flag bit in the SPI word will be cleared on rising
edge of CS provided the die temperature has cooled below
the thermal limit. When die temperature has cooled below
thermal limit, the device will resume previously programmed
settings.
Inputs active for 125 us
out of 32 ms
I=V/R or 0.270V/100ohm = 2.7mA
I=V/R or 6mV/100ohm = 60 uA
Inputs active for 125 us
out of 32 ms
I=V/R or 0.270V/100ohm = 2.7mA
I=V/R or 6mV/100ohm = 60 uA
Inputs active for 125 us
out of 32 ms
I=V/R or 0.270V/100ohm = 2.7mA
I=V/R or 6mV/100ohm = 60 uA
I=V/R or 0.270 V/100 Ω=2.7 mA
Inputs active for
125 µs out of 32 ms
I=V/R or
6.0 mV/100 Ω=60 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com