Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33975A Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33975A
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975A Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33975A Datasheet HTML 9Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 10Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 11Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 12Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 13Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 14Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 15Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 16Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33975
FUNCTIONAL DESCRIPTIONS
FUNCTIONAL TERMINAL DESCRIPTION
MCU INTERFACE DESCRIPTION
The 33975 device directly interfaces to a 3.3 V or 5.0 V
microcontroller unit (MCU). SPI serial clock frequencies up to
6.0 MHz may be used for programming and reading switch
input status (production tested at 4.16 MHz). Figure 7
illustrates the configuration between an MCU and one 33975.
Serial peripheral interface (SPI) data is sent to the 33975
device through the SI input terminal. As data is being clocked
into the SI terminal, status information is being clocked out of
the device by the SO output terminal. The response to a SPI
command will always return the switch status, reset flag, and
thermal flag. Input switch states are latched into the SO
register on the falling edge of the chip select (CS) terminal.
Twenty-four bits are required to complete a transfer of
information between the 33975 and the MCU.
Figure 7. SPI Interface with Microprocessor
Two or more 33975 devices may be used in a module
system. Multiple ICs may be SPI-configured in parallel or
serial. Figures 8 and 9 show the configurations. When using
the serial configuration, 48-clock cycles are required to
transfer data in/out of the ICs.
Figure 8. SPI Parallel Interface with Microprocessor
Figure 9. SPI Serial Interface with Microprocessor
33975
MC68HCXX
Microcontroller
Receive
Buffer
Parallel
Ports
To Logic
24-Bit Shift Register
Shift Register
MOSI
SI
MISO
SO
SCLK
CS
INT
INT
Parallel
Ports
MC68HCXX
Microcontroller
33975
33975
SI
SCLK
CS
INT
SI
SO
SCLK
CS
INT
INT
SCLK
MISO
MOSI
Shift Register
SO
Parallel
Ports
MC68HCXX
Microcontroller
33975
33975
SI
SCLK
CS
INT
SI
SO
SCLK
CS
INT
SO
INT
SCLK
MISO
MOSI
Shift Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com