Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1110 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CS1110
Description  DIMENSIONS SCHEMATIC & PC LAYOUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CS1110 Datasheet(HTML) 1 Page - CIT Relay & Switch

  CS1110 Datasheet HTML 1Page - CIT Relay & Switch CS1110 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
SPECIFICATIONS
Electrical Ratings
50mA @ 48VDC
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
160 +/- 50gF
Actuator Travel
.25 +/- .1mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
4/6 Nylon
Housing
4/6 Nylon
Cover
Steel
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
CS1110
CS1110A w/ grounding tab
CS1110J w/ J lead terminals
CS1110M w/ mounting stems
CS1110A
2. Actuator Length “L” (mm):
2.0
2.3
2.5
3.1
3.1
DIMENSIONS
SCHEMATIC & PC LAYOUT
CS1110
CS1110A
CS1110


Similar Part No. - CS1110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS1112 ONSEMI-CS1112 Datasheet
93Kb / 12P
Quad Power Output Driver
October, 2000 ??Rev. 10
CS1112YDWF24 ONSEMI-CS1112YDWF24 Datasheet
93Kb / 12P
Quad Power Output Driver
October, 2000 ??Rev. 10
CS1112YDWFR24 ONSEMI-CS1112YDWFR24 Datasheet
93Kb / 12P
Quad Power Output Driver
October, 2000 ??Rev. 10
More results

Similar Description - CS1110

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CS1205 CIT-CS1205 Datasheet
171Kb / 1P
CIT SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
CS1206 CIT-CS1206 Datasheet
143Kb / 1P
CIT SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
logo
List of Unclassifed Man...
CS1204 ETC1-CS1204 Datasheet
117Kb / 1P
CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
logo
CIT Relay & Switch
CR1102H CIT-CR1102H Datasheet
123Kb / 1P
SCHEMATIC, PC LAYOUT, & DIMENSIONS
CR1102V CIT-CR1102V Datasheet
135Kb / 1P
PC LAYOUT, SCHEMATIC, & DIMENSIONS
CS1101 CIT-CS1101 Datasheet
114Kb / 1P
DIMENSIONS SCHEMATIC & PC LAYOUT
CS1207 CIT-CS1207 Datasheet
138Kb / 2P
DIMENSIONS SCHEMATIC & PC LAYOUT
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
Schematic and Layout
logo
Silicon Laboratories
AN383 SILABS-AN383 Datasheet
1Mb / 69P
Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN400 SILABS-AN400 Datasheet
1Mb / 20P
Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com