Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNF10SW Datasheet(PDF) 2 Page - IDEC Corporation

Part # BNF10SW
Description  Terminal Blocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

BNF10SW Datasheet(HTML) 2 Page - IDEC Corporation

  BNF10SW Datasheet HTML 1Page - IDEC Corporation BNF10SW Datasheet HTML 2Page - IDEC Corporation BNF10SW Datasheet HTML 3Page - IDEC Corporation BNF10SW Datasheet HTML 4Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BNH/BN
Terminal Blocks
1008
www.IDEC.com
BNH/BN
Terminal Blocks
1008
www.IDEC.com
1705151137
Specifications, continued
Model
BNH50W
BN75W
BN150W
BNDH15W
Appearance
Width
0.610” (15.5mm)
0.787” (20mm)
1.024” (26mm)
0.315” (8mm)
Approvals
UL, CSA, TUV
UL, CSA, TUV
UL, CSA, TUV
UL, CSA, TUV
No. of Poles
1
1
1
2
Wire Sizes
16 to 6 AWG
16 to 4 AWG
16 to 0 AWG
22 to 14 AWG
Voltage/Current
600V / 50A
600V / 75A
600V / 150A
600V / 10A
Terminals
Size
M5
M6
M8
M3
Type
Touch-down
Hex bolt
Hex bolt
Touch-down
Mounting
35mm DIN rail
35mm DIN rail
35mm DIN rail
35mm DIN rail, surface
Terminal
Torque
(N-m)
2.6 - 3.7
3.9 - 5.4
10 - 13.5
0.6 - 1.0
(in-lbs.)
23.1 - 32.8
34.6 - 47.9
88.8 - 119.8
5.3 - 8.9
End Plate
BNE50W
BNE75W
BNE150W
BNDE15W
DIN Rail Stop
BNL-5
BNL-6
BNL-6
BNL-8
Dust Cover
BNC320
BNC420
BNC520
BNC230 (top level)
BNC240 (bottom Level)
Marking
Strip
PVC
BNM7
BNM7
BNM7
BNM7
Fiberglass
BNM9
BNM9
BNM9
BNM9
End clip
BNM3
BNM3
BNM3
BNM3
Connecting Rods
—
—
—
BNR1 10.34” (265mm)
BNR2 19.69” (500mm)
Connecting Nuts
—
—
—
BNN1 (2 pieces)
Base Mount Brackets
—
—
—
BNDL2
Ring Terminal Jumpers
BNJ62 (2 pole)
—
—
BNJ26
Fork Terminal Jumpers
—
—
—
BNJ26FW
1. BNDN1000 aluminum DIN rails are available in 1 meter lengths.
2. Marking strips are available in 1 meter lengths.
3. Most jumpers are six poles (except for BNJ62 which is 2 poles only).
4. Remove the “H” in the terminal block part number for standard screw type (ex. BNH50W becomes BN50W).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com