Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNF10SW Datasheet(PDF) 3 Page - IDEC Corporation

Part # BNF10SW
Description  Terminal Blocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

BNF10SW Datasheet(HTML) 3 Page - IDEC Corporation

  BNF10SW Datasheet HTML 1Page - IDEC Corporation BNF10SW Datasheet HTML 2Page - IDEC Corporation BNF10SW Datasheet HTML 3Page - IDEC Corporation BNF10SW Datasheet HTML 4Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1705151137
1009
Canada: 888-317-4332 • USA: 800-262-4332
BNF Fuse Blocks
Terminal Blocks
Specifications, continued
Model
BNF10SW
BNF10NW
BNF10DW
Appearance
Width
0.591” (15mm)
0.591” (15mm)
0.591” (15mm)
Blown Fuse Indicator
None
Neon (100–300VAC)
LED (24V DC)
Approvals
UL, CSA
UL, CSA
UL, CSA
No. of Poles
1
1
1
Wire Sizes
18 to 10 AWG
18 to 10 AWG
18 to 10 AWG
Voltage/Current
600V/10A maximum
600V/10A maximum
600V/10A maximum
Terminals
Size
M4
M4
M4
Type
Standard screw
Standard screw
Standard screw
Mounting
35mm DIN rail
35mm DIN rail
35mm DIN rail
Terminal
Torque
(N-m)
1.4 - 2.0
1.4 - 2.0
1.4 - 2.0
(in-lbs.)
12.4 - 17.8
12.4 - 17.8
12.4 - 17.8
End Plate
BNE20
BNE20
BNE20
DIN Rail Stop
BNL-5
BNL-5
BNL-5
Dust Cover
—
—
—
Marking Strip
BNM7
BNM7
BNM7
Applicable Fuse Size
1/4” x 1-1/4”
(6.35 x 31.8mm)
1/4” x 1-1/4”
(6.35 x 31.8mm)
1/4” x 1-1/4”
(6.35 x 31.8mm)
1. BNDN1000 aluminum DIN rails are available in 1 meter lengths.
2. Fuses not included.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com