Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8FS-G05012CD Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S8FS-G05012CD
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G05012CD Datasheet(HTML) 2 Page - Omron Electronics LLC

  S8FS-G05012CD Datasheet HTML 1Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 2Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 3Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 4Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 5Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 6Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 7Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 8Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
S8FS-G
2
Ordering Information
List of Models
Note: For details on normal stock models, contact your nearest OMRON representative.
With Cover/DIN Rail Mounting
Note: Ask your OMRON representative for pricing information on optional models.
*1. The output electric power is 40 W.
*2. The output electric power is 80 W.
*3. The output electric power is 105 W.
*4. Applicable to products produced from May 2018.
With Cover/DIN Rail Mounting (Extended hold time type)
Power ratings
Input voltage
Output voltage (VDC)
Output current
Built-in fan
Model
15 W
100 to 240 VAC
(Permissible range
85 to 264 VAC,
80 to 370 VDC)
*4
5 V
3 A
None
S8FS-G01505CD
12 V
1.3 A
S8FS-G01512CD
15 V
1 A
S8FS-G01515CD
24 V
0.65 A
S8FS-G01524CD
30 W
5 V
6 A
S8FS-G03005CD
12 V
3 A
S8FS-G03012CD
15 V
2.4 A
S8FS-G03015CD
24 V
1.5 A
S8FS-G03024CD
50 W
5 V
8 A
*1
S8FS-G05005CD
12 V
4.3 A
S8FS-G05012CD
15 V
3.5 A
S8FS-G05015CD
24 V
2.2 A
S8FS-G05024CD
100 W
5 V
16 A
*2
S8FS-G10005CD
12 V
8.5 A
S8FS-G10012CD
15 V
7 A
S8FS-G10015CD
24 V
4.5 A
S8FS-G10024CD
150 W
5 V
21 A
*3
S8FS-G15005CD
12 V
13 A
S8FS-G15012CD
15 V
10 A
S8FS-G15015CD
24 V
6.5 A
S8FS-G15024CD
48 V
3.3 A
S8FS-G15048CD
300 W
100 to 240 VAC
(Permissible range
85 to 264 VAC,
120 to 370 VDC)
12 V
25 A
Yes
S8FS-G30012CD
15 V
20 A
S8FS-G30015CD
24 V
14 A
S8FS-G30024CD
48 V
7 A
S8FS-G30048CD
600 W
100 to 240 VAC
(Permissible range
85 to 264 VAC,
120 to 350 VDC)
12 V
50 A
S8FS-G60012CD
15 V
40 A
S8FS-G60015CD
24 V
27 A
S8FS-G60024CD
48 V
13 A
S8FS-G60048CD
Power ratings
Input voltage
Output voltage (VDC)
Output current
Built-in fan
Model
300 W
100 to 240 VAC
(Permissible range
85 to 264 VAC,
120 to 370 VDC)
24 V
14 A
Yes
S8FS-G30024CD-H
600 W
100 to 240 VAC
(Permissible range
85 to 264 VAC,
120 to 350 VDC)
27 A
S8FS-G60024CD-H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com