Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8FS-G05012CD Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # S8FS-G05012CD
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G05012CD Datasheet(HTML) 4 Page - Omron Electronics LLC

  S8FS-G05012CD Datasheet HTML 1Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 2Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 3Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 4Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 5Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 6Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 7Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 8Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
S8FS-G
4
Specifications
* Refer to Ratings, Characteristics, and Functions on page 11.
Power rating
15 W
Item
Output voltage
5 V
12 V
15 V
24 V
Efficiency
*
100 VAC input
80% typ.
84% typ.
84% typ.
85% typ.
200 VAC input
80% typ.
84% typ.
84% typ.
86% typ.
230 VAC input
80% typ.
84% typ.
84% typ.
86% typ.
Input
Voltage range
*
Single phase, 85 to 264 VAC, 80 to 370 VDC
Frequency
*
50/60 Hz (47 to 450 Hz)
Current
*
100 VAC input
0.32 A typ.
200 VAC input
0.2 A typ.
Power factor
---
Leakage current
*
100 VAC input
0.5 mA max.
200 VAC input
1 mA max.
Inrush current
*
(for a cold start at
25°C)
100 VAC input
14 A typ.
200 VAC input
28 A typ.
Output
Rated Output Current
3 A
1.3 A
1 A
0.65 A
Voltage adjustment range
*
−10% to 15% (with V.ADJ)
Ripple & Noise
voltage
*
100 to 240 VAC input 40 mVp-p max.
40 mVp-p max.
40 mVp-p max.
60 mVp-p max.
Input variation influence
*
0.5% max.
Load variation influence
*
1.0% max.
Temperature
variation influence
100 to 240 VAC input 0.05%/°C max.
Startup time
*
100 VAC input
1,000 ms max.
200 VAC input
1,000 ms max.
Hold time
*
100 VAC input
15 ms typ.
14 ms typ.
15 ms typ.
15 ms typ.
200 VAC input
75 ms typ.
70 ms typ.
75 ms typ.
70 ms typ.
Additional
functions
Overload protection
Yes, automatic reset
Overvoltage protection
*
Yes, 120% or higher of rated output voltage, power shut off (shut off the input voltage and turn on
the input again)
Overheat protection
No
Series operation
Yes (For up to two Power Supplies, external diodes are required.)
Parallel operation
No (However, backup operation is possible, external diodes are required.)
Remote sensing
No
Remote control
No
Output indicator
Yes (LED: Green)
Insulation
Withstand voltage
3 kVAC for 1 min. (between all input terminals and output terminals) current cutoff 20 mA
2 kVAC for 1 min. (between all input terminals and PE terminals) current cutoff 20 mA
1 kVAC for 1 min. (between all output terminals and PE terminals) current cutoff 20 mA
Insulation resistance
100 M
Ω min. (between all output terminals and all input terminals/PE terminals) at 500 VDC
Environment
Ambient operating temperature
−20 to 70°C (Derating is required according to the temperature.) (with no condensation or icing)
Storage temperature
−25 to 75°C (with no condensation or icing)
Ambient operating humidity
90% max. (Storage humidity: 90% max.)
Vibration resistance
10 to 55 Hz, 4.5 G max., 0.375-mm half amplitude for 2 h each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in ±X, ±Y, ±Z directions
Reliability
MTBF
135,000 hrs min.
Life expectancy
*
10 years min.
Construction
Dimensions (W×H×D)
Refer to Dimensions on page 19.
Weight
250 g
Cooling fan
No
Degree of protection
---
Standards
Harmonic current emissions
Conforms to EN 61000-3-2
EMI
*
Conducted Emissions Conforms to EN 61204-3 Class B, EN 55011 Class B
Radiated Emissions Conforms to EN 61204-3 Class B, EN 55011 Class B
EMS
Conforms to EN 61204-3 high severity levels
Safety Standards
UL 508 (Listing, excluding models with connector option)
UL 60950-1, UL 62368-1 (Recognition, OVCII [
≤ 3,000 m], Pol2)
CSA C22.2 No.107.1 (excluding models with connector option)
CSA C22.2 No.60950-1, No.62368-1 (excluding models with connector option)
EN 50178 (OVCIII [
≤ 2,000 m], OVCII [> 2,000 m and ≤ 3,000 m], Pol2)
EN/IEC 60950-1, EN/IEC 62368-1 (OVCII [
≤ 3,000 m], Pol2)
Conforms to EN/IEC 61558-2-16
Conforms to PELV (EN/IEC 60204-1)
Marine Standards
No
SEMI
Conforms to F47-0706 (200 VAC input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com