Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6258 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6258
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6258 Datasheet HTML 1Page - MOSA ELECTRONICS MS6258 Datasheet HTML 2Page - MOSA ELECTRONICS MS6258 Datasheet HTML 3Page - MOSA ELECTRONICS MS6258 Datasheet HTML 4Page - MOSA ELECTRONICS MS6258 Datasheet HTML 5Page - MOSA ELECTRONICS MS6258 Datasheet HTML 6Page - MOSA ELECTRONICS MS6258 Datasheet HTML 7Page - MOSA ELECTRONICS MS6258 Datasheet HTML 8Page - MOSA ELECTRONICS MS6258 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 1
2
www.mosanalog.com.tw
BLOCK DIAGRAM
R-IN2
R-IN3
I2C Interface
-10dB/STEP
-1dB/STEP
1dB/STEP
Serial Bus Decoder and Latches
Reference
Circuit
1dB/STEP
-1dB/STEP
-10dB/STEP
L-IN1
L-IN2
L-IN3
R-IN1
REF
SDA
SCL
V
REF
R-OUT
L-OUT
R-IN4
L-IN4
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
16-Pin SOP
MS6258TR
MS6258AS
2.5k Units Tape and Reel
16-Pin SOP
MS6258U
MS6258AS
50 Units Tube
16-Pin SOP (lead free)
MS6258GTR
MS6258ASG
2.5k Units Tape and Reel
16-Pin SOP (lead free)
MS6258GU
MS6258ASG
50 Units Tube
16-Pin SSOP
MS6258SSTR
MS6258
2.5k Units Tape and Reel
16-Pin SSOP
MS6258SSU
MS6258
100 Units Tube
16-Pin SSOP (lead free)
MS6258SSGTR
MS6258G
2.5k Units Tape and Reel
16-Pin SSOP (lead free)
MS6258SSGU
MS6258G
100 Units Tube
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
6
V
VESD
Electrostatic Handling
-4500 to 4500
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOP16
SSOP16
210
210
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.7
-
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com