Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6258 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6258
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6258 Datasheet HTML 1Page - MOSA ELECTRONICS MS6258 Datasheet HTML 2Page - MOSA ELECTRONICS MS6258 Datasheet HTML 3Page - MOSA ELECTRONICS MS6258 Datasheet HTML 4Page - MOSA ELECTRONICS MS6258 Datasheet HTML 5Page - MOSA ELECTRONICS MS6258 Datasheet HTML 6Page - MOSA ELECTRONICS MS6258 Datasheet HTML 7Page - MOSA ELECTRONICS MS6258 Datasheet HTML 8Page - MOSA ELECTRONICS MS6258 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 1
1
www.mosanalog.com.tw
Gain and Attenuation Volume Controller IC
4 Sets of Stereo Input, Low voltage
Gain and Attenuation 15~-79dB
FEATURES
‧Operation range: 2.7V~5.5V
‧Low power consumption
‧Gain/Attenuation: 15dB to –79dB at 1dB/step
‧Good PSRR and low pop noise
‧I
2C interface
‧Housed in 16 pin SOP, SSOP package
APPLICATIONS
‧Multimedia system
‧Hi-Fi audio system
‧MP3, PDA
‧LCD Monitor
DESCRIPTION
The MS6258 is a stereo audio volume controller IC with 4 sets of stereo input. It uses CMOS technology specially for
the low voltage application with low noise, rail-to-rail output. The MS6258 provide an I
2C control interface with gain /
attenuation range of 15dB to -79dB, 1dB/step. The initial condition is set to be maximum attenuation –79dB and mute
on mode when the power on.
PIN CONFIGURATION
Symbol
Pin
Description
A.O.
1
Address option *
L-IN4
2
4
th left channel input
L-IN3
3
3
rdleft channel input
L-IN2
4
2
nd left channel input
L-IN1
5
1
st left channel input
L-OUT
6
Left channel output
VSS
7
Ground
SDA
8
I
2C data input
SCL
9
I
2C clock input
VDD
10
Positive supply voltage
R-OUT
11
Right channel output
R-IN1
12
1
st right channel input
R-IN2
13
2
nd right channel input
R-IN3
14
3
rd right channel input
R-IN4
15
4
th right channel input
VREF
16
Reference voltage = 1/2VDD
16
15
14
13
12
11
10
9
MS6258
A.O.
1
2
3
4
5
6
7
L-IN3
L-IN2
L-IN1
L-OUT
V
SS
SDA
SCL
V
REF
R-IN3
R-IN2
R-IN1
R-OUT
V
DD
8
L-IN4
R-IN4
MS6258
Note: 1. Pin 1 is set to Lo or open , the address code is 88H (10001000B).
2. Pin 1 is set to Hi , the address code is 8CH (10001100B).
3. The VREF connects a capacitor to Vss.


Similar Part No. - MS6258

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6258 MOSA-MS6258 Datasheet
405Kb / 17P
Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258GTR MOSA-MS6258GTR Datasheet
405Kb / 17P
Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258GU MOSA-MS6258GU Datasheet
405Kb / 17P
Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258SSGTR MOSA-MS6258SSGTR Datasheet
405Kb / 17P
Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258SSGU MOSA-MS6258SSGU Datasheet
405Kb / 17P
Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
More results

Similar Description - MS6258

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6257 ETC-MS6257 Datasheet
356Kb / 11P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257 Datasheet
468Kb / 15P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260 Datasheet
401Kb / 11P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6266 MOSA-MS6266 Datasheet
441Kb / 11P
6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6257 MOSA-MS6257_1 Datasheet
565Kb / 17P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258_1 Datasheet
405Kb / 17P
Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260_1 Datasheet
291Kb / 14P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6266 MOSA-MS6266_1 Datasheet
381Kb / 13P
6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com