Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8FS-G15024CD-R Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # S8FS-G15024CD-R
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G15024CD-R Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button S8FS-G15024CD-R Datasheet HTML 8Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 9Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 10Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 11Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 12Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 13Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 14Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 15Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
S8FS-G
12
Inrush Current, Startup Time, Output Hold Time
Note: The total inrush current of all of the Power Supplies will flow for parallel operation or backup operation.
Sufficiently check the fusing characteristics of fuses and the operating characteristics of breakers and select fuses and breakers so that
external fuses will not burn out or breakers will not operate due to inrush current.
Ripple Noise Voltage
The specified standard for the ripple voltage noise was measured with a measurement circuit that is based on JEITA standard RC-9131A.
90%
96.5%
Startup time
AC input
voltage
AC input
current
Output
voltage
Inrush current on input application
Input OFF
Input ON
Hold time
150mm
S8FS-G
Oscilloscope
Frequency band:
100 MHz
C1
C2
Load
C1:100µF
C2:0.47µF
Coaxial cable
+V
−V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com