Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8FS-G15024CD-R Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # S8FS-G15024CD-R
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G15024CD-R Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button S8FS-G15024CD-R Datasheet HTML 22Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 23Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 24Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 25Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 26Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 27Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 28Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 29Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
S8FS-G
26
600W
S8FS-G600
@@C
Four, M4
Four, M4 (Depth 5 mm max.)
8.2
9.5
(14.1)
150±0.5
150±0.5
(16.1)
(3.7)
190±1
24
24
120±1
100±0.5
12.5
10
38±0.5
61±1
20.5 11
9.7
Four, M4 (Depth 5 mm max.)
Three, M3.5
Panel mounting holes dimensions
Using the screw holes in the Power Supply
Side
Mounting
Bottom
Mounting
150±0.5
100±0.5
Four, 4.5 dia.
150±0.5
38±0.5
Four, 4.5 dia.
S8FS-G600
@@CD
Four, M4
8.2
9.5
20.5
10.8
9.7
221±1
(16.1)
5
62.5
57.5
62.5±1
(14.1)
3.6
5 max.
(Sliding:
6.3 max.)
Three, M3.5
Note: Use a Front-mounting Bracket (S82Y-FSG-60F) when the DIN Rail is not strong enough for your usage environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com