Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6310 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6310
Description  Low Cost 16-Bit Stereo Audio DAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6310 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6310 Datasheet HTML 1Page - MOSA ELECTRONICS MS6310 Datasheet HTML 2Page - MOSA ELECTRONICS MS6310 Datasheet HTML 3Page - MOSA ELECTRONICS MS6310 Datasheet HTML 4Page - MOSA ELECTRONICS MS6310 Datasheet HTML 5Page - MOSA ELECTRONICS MS6310 Datasheet HTML 6Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOSA
MS6310
Low Cost 16-Bit Stereo Audio DAC
REV1
2
www.mosanalog.com.tw
BLOCK DIAGRAM
LEFT OUTPUT LATCH
RIGHT OUTPUT LATCH
LEFT BIT SWITCHS
RIGHT BIT SWITCHS
16-BIT MATCHED
CURRENT DIVIDER
16-BIT MATCHED
CURRENT DIVIDER
V
REF
LEFT INPUT LATCH
RIGHT INPUT LATCH
CONTROL
&
TIMING
BCK
WS
DATA
REFERENCE
SOURCE
I
BL
I
REF
I
BR
1
2
3
5
4
V
DD
GND
10uF
R
F
I
BR
R
F
I
BL
V
REF
V
REF
V
REF
V
OUT
LEFT
6
8
V
OUT
RIGHT
OP1
OP2
V
REF
0.1uF
Fig.1
Block diagram.
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
8-Pin SOP
MS6310CSTR
MS6310CS
2.5k Units Tape and Reel
8-Pin SOP
MS6310CSU
MS6310CS
100 Units Tube
8-Pin SOP (lead free)
MS6310CSGTR
MS6310CSG
2.5k Units Tape and Reel
8-Pin SOP (lead free)
MS6310CSGU
MS6310CSG
100 Units Tube



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com