Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6310 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6310
Description  Low Cost 16-Bit Stereo Audio DAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6310 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6310 Datasheet HTML 1Page - MOSA ELECTRONICS MS6310 Datasheet HTML 2Page - MOSA ELECTRONICS MS6310 Datasheet HTML 3Page - MOSA ELECTRONICS MS6310 Datasheet HTML 4Page - MOSA ELECTRONICS MS6310 Datasheet HTML 5Page - MOSA ELECTRONICS MS6310 Datasheet HTML 6Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOSA
MS6310
Low Cost 16-Bit Stereo Audio DAC
REV1
1
www.mosanalog.com.tw
Low Cost 16-Bit Stereo Audio DAC
FEATURES
‧Cost effective
‧Low distortion
‧No zero crossing distortion
‧Output voltage swing is proportional to supply voltage (VOPP=VDD/2)
‧Space saving package SOP8
‧Fast setting time permits 2*, 4*, and 8* oversampling (serial input) or double speed operation at 4* oversampling
‧Compatible with most of the Japanese input formats; time multiplexed, two's complement, TTL input level
APPLICATIONS
‧VCD Player, DVD Player
‧CD-ROM, DVD-ROM, CD-RW, DVD-RW
DESCRIPTION
The MS6310 is a voltage-output Digital-to-Analog Converter (DAC). The accuracy of the weight current sources,
combined with the unique symmetrical decoding method, preclude zero-crossing distortion and ensures high quality
audio reproduction. The MS6310 is pin and function compatible with MS6311, Philips TDA1311.
PIN CONFIGURATION
Symbol
Pin
Description
BCK
1
Bit clock input
WS
2
Word select input
DATA
3
Data input
GND
4
Ground
VDD
5
Positive supply voltage
VOL
6
Left channel output
n.c.
7
not connected
VOR
8
Right channel output
7
6
5
8
2
3
4
1
MS6310
VOR
n.c.
VOL
VDD
BCK
WS
DATA
GND


Similar Part No. - MS6310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
1,007Kb / 9P
Low distortion
More results

Similar Description - MS6310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
Low-cost stereo filter DAC
2000 Apr 18
logo
List of Unclassifed Man...
MS6323 ETC-MS6323 Datasheet
281Kb / 8P
16-Bits Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6331 MOSA-MS6331 Datasheet
227Kb / 7P
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
logo
NXP Semiconductors
UDA1431T PHILIPS-UDA1431T Datasheet
96Kb / 17P
16-bit, 48 kHz, low-cost stereo current DAC
Rev. 04-30 May 2006
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311_1 Datasheet
146Kb / 6P
16-Bits Stereo Audio DAC
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
logo
ESS Technology,Inc
ES9038Q2M ESS-ES9038Q2M Datasheet
1Mb / 65P
32-Bit Stereo Low Power Audio DAC
July 17, 2019
ES9028Q2M ESS-ES9028Q2M Datasheet
1Mb / 45P
32-Bit Stereo Low Power Audio DAC
January 16, 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com