Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6313 Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6313
Description  Stereo Audio DAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6313 Datasheet(HTML) 6 Page - MOSA ELECTRONICS

  MS6313 Datasheet HTML 1Page - MOSA ELECTRONICS MS6313 Datasheet HTML 2Page - MOSA ELECTRONICS MS6313 Datasheet HTML 3Page - MOSA ELECTRONICS MS6313 Datasheet HTML 4Page - MOSA ELECTRONICS MS6313 Datasheet HTML 5Page - MOSA ELECTRONICS MS6313 Datasheet HTML 6Page - MOSA ELECTRONICS MS6313 Datasheet HTML 7Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MOSA ELECTRONICS
MS6313
Stereo Audio DAC
- 6 -
www.mosanalog.com.tw
0.1uF
BCK
WS
DATA
GND
VoR
CAP
VoL
V
DD
MS6313
1
2
3
45
6
7
8
47uF
MS6308
1
2
3
DAC
Headphone Driver
22k
450pF
50k
50k
10uF
V
REF
15k
15k
20k
470pF
0.1uF
7
5
6
47uF
10uF
SUNPLUS
SPCA751
STMicroelectronics
STA013
MP3 DECODER
1.2V
P-P
1.6V
P-P
Headphone
(32Ω)
PHONE JACK
AV
DD
2.2k
100k
10Ω
3.3V
47uF
0.1uF
50k
3V
Power
On/Off
Fig.6
A first order lowpass filter for DAC output.
VCD , DVD Player digital to analog converting solution. Fig.7
BCK
WS
DATA
GND
VoR
CAP
VoL
V
DD
MS6313
1
2
3
45
6
7
8
DAC
Dual Operational Amplifier
100k
1uF
180pF
(2.0 Vrms)
4558
1
2
3
51k
V
REF
18k
18k
51k
7
5
6
10k
V
OR
8
4
10uF
V
CC =12V
V
OL
10k
10uF
1uF
1uF
180pF
100k
10uF
(0.707) Vrms
V
DD =5V
Fig.7
A first order lowpass filter for DAC output.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com