Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6313 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6313
Description  Stereo Audio DAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6313 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6313 Datasheet HTML 1Page - MOSA ELECTRONICS MS6313 Datasheet HTML 2Page - MOSA ELECTRONICS MS6313 Datasheet HTML 3Page - MOSA ELECTRONICS MS6313 Datasheet HTML 4Page - MOSA ELECTRONICS MS6313 Datasheet HTML 5Page - MOSA ELECTRONICS MS6313 Datasheet HTML 6Page - MOSA ELECTRONICS MS6313 Datasheet HTML 7Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOSA ELECTRONICS
MS6313
Stereo Audio DAC
- 1 -
www.mosanalog.com.tw
FEATURES
‧ Excellent Power Supply Rejection Ratio(PSRR)
‧Easy application :
‧ Voltage Output
Operation range: 2.7V~5.5V
‧ Space saving package(SOP8)
Output and bias current are proportional to supply voltage
‧ Low power consumption
integrated current-to-voltage converter
‧ Low total harmonic distortion
‧ Wide dynamic range(16-bit resolution)
‧ No zero crossing distortion
‧ Wide operating temperature range(-40℃ to 85℃)
‧ Internal bias current ensures maximum dynamic range
‧ Fast setting time permits 2*, 4*, and 8* oversampling(serial input) or double speed operation at 4* oversampling
‧ Compatible with most of the Japanese input formats; time multiplexed, two's complement, TTL
‧ The full scale output voltage can be mask optioned
‧ Cost efficient
APPLICATIONS
VCD Player, DVD Player, CD-ROM, DVD-ROM, CD-RW, DVD-RW, Motherboard.
MP3, PDA, Portable Digital Audio.
DESCRIPTION
The MS6313 is a 16-bit voltage-output Digital-to-Analog Converter(DAC). The MS6313 is with excellent Power
Supply Rejection Ratio(PSRR). It is fabricated in a 0.8
µm CMOS process and features extremely low power dissipation,
small package size and easy application. The accuracy of the matched coarse current sources, combined with the unique
symmetrical decoding method, preclude zero-crossing distortion and ensures high quality audio reproduction. These
unique features, combined with its exceptional performance, make the MS6313 ideally suited for use in digital audio
equipment. MS6313 is pin and function compatible with the Philips, TDA1311.
PINNING
Symbol
Pin
Description
BCK
1
bit clock input
WS
2
word select input
DATA
3
data input
GND
4
ground
VDD
5
positive supply voltage
VOL
6
left channel output
Cap
7
Cap
VOR
8
right channel output
7
6
5
8
2
3
4
1
MS6313
VOR
Cap
VOL
VDD
BCK
WS
DATA
GND
Pin configuration
Pin 7 : Capacitor = 10
µF (ripple rejection)


Similar Part No. - MS6313

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6313 MOSA-MS6313 Datasheet
494Kb / 8P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6313ASGTR MOSA-MS6313ASGTR Datasheet
494Kb / 8P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6313ASGU MOSA-MS6313ASGU Datasheet
494Kb / 8P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6313 MOSA-MS6313_1 Datasheet
494Kb / 8P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
More results

Similar Description - MS6313

ManufacturerPart #DatasheetDescription
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
STEREO AUDIO DAC
W6631CS WINBOND-W6631CS Datasheet
13Kb / 1P
STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
Stereo Audio DAC
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
PCM2704C TI1-PCM2704C_15 Datasheet
1Mb / 47P
Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com