Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6713 Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6713
Description  3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6713 Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6713 Datasheet HTML 7Page - MOSA ELECTRONICS MS6713 Datasheet HTML 8Page - MOSA ELECTRONICS MS6713 Datasheet HTML 9Page - MOSA ELECTRONICS MS6713 Datasheet HTML 10Page - MOSA ELECTRONICS MS6713 Datasheet HTML 11Page - MOSA ELECTRONICS MS6713 Datasheet HTML 12Page - MOSA ELECTRONICS MS6713 Datasheet HTML 13Page - MOSA ELECTRONICS MS6713 Datasheet HTML 14Page - MOSA ELECTRONICS MS6713 Datasheet HTML 15Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MOSA
MS6713
3 Stereo Inputs / 4 Channels Output Audio Processor
REV1.0
11
www.mosanalog.com
Audio Switch
MSB
LSB
Function
0
1
0
G1
G0
S2
S1
S0
Audio Switch
0
0
Stereo 1
0
1
Stereo 2
1
0
Stereo 3
1
1
*Stereo 4
0
Loudness ON
1
Loudness OFF
0
0
+11.25dB
0
1
+7.5dB
1
0
+3.75dB
1
1
0dB
* The stereo 4 is connected internally, but not available on pins.
The default state is stereo 4, loudness off and gain 0dB.
Bass and Treble
MSB
LSB
Function(dB)
0
1
1
0
C3
C2
C1
C0
Bass
0
1
1
1
C3
C2
C1
C0
Treble
0
0
0
0
-14
0
0
0
1
-12
0
0
1
0
-10
0
0
1
1
-8
0
1
0
0
-6
0
1
0
1
-4
0
1
1
0
-2
0
1
1
1
0
1
0
0
0
0
1
0
0
1
2
1
0
1
0
4
1
0
1
1
6
1
1
0
0
8
1
1
0
1
10
1
1
1
0
12
1
1
1
1
14
The default state is bass 0dB and treble 0dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com