Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6713 Datasheet(PDF) 12 Page - MOSA ELECTRONICS

Part # MS6713
Description  3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6713 Datasheet(HTML) 12 Page - MOSA ELECTRONICS

Back Button MS6713 Datasheet HTML 7Page - MOSA ELECTRONICS MS6713 Datasheet HTML 8Page - MOSA ELECTRONICS MS6713 Datasheet HTML 9Page - MOSA ELECTRONICS MS6713 Datasheet HTML 10Page - MOSA ELECTRONICS MS6713 Datasheet HTML 11Page - MOSA ELECTRONICS MS6713 Datasheet HTML 12Page - MOSA ELECTRONICS MS6713 Datasheet HTML 13Page - MOSA ELECTRONICS MS6713 Datasheet HTML 14Page - MOSA ELECTRONICS MS6713 Datasheet HTML 15Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MOSA
MS6713
3 Stereo Inputs / 4 Channels Output Audio Processor
REV1.0
12
www.mosanalog.com
Examples
Set Volume at –37.5dB.
MSB
ACK
Start
000
1
10
11
MS6713 Address
LSB
Stop
ACK
-30dB
-7.5dB
Data byte
Set Speaker RF at –30dB.
MSB
ACK
Start
101
1
00
10
MS6713 Address
LSB
Stop
ACK
-30dB
0dB
Speaker
RF
Data byte
Set Speaker RR in mute-on.
MSB
ACK
Start
111
1
11
11
MS6713 Address
LSB
Stop
ACK
Speaker
RR
Mute
Data byte
Set Stereo 2 Input with gain of +7.5 dB and Loudness on.
MSB
ACK
Start
010
0
01
10
MS6713 Address
LSB
Stop
ACK
+7.5dB
Stereo 2
Loudness
ON
Data byte
Set Treble at -10dB.
MSB
ACK
Start
011
1
10
00
MS6713 Address
LSB
Stop
ACK
Treble
-10dB
Data byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com