Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6541TR Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6541TR
Description  Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6541TR Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6541TR Datasheet HTML 1Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 2Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 3Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 4Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 5Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 6Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 7Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 8Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOSA
MS6544/6541
Class AB Stereo Headphone Driver with Mute
REV 1
1
www.mosanalog.com.tw
Stereo Headphone Driver, 0dB / 6dB Gain
Low Voltage, Internal Mute Function
No Popping Noise When Power On / Off
FEATURES
‧Low supply voltage 2.7 to 5.5V
‧Internal mute function
‧No popping noise
‧Fixed gain of 6 dB for MS6544
Fixed gain of 0 dB for MS6541
‧High SNR , Slew rate
‧Low distortion
‧Excellent power supply ripple rejection
‧Low power consumption
‧Large output voltage swing
APPLICATIONS
‧MP3, PDA
‧Portable Digital Audio.
‧CD-ROM, DVD-ROM, CD-RW, DVD-RW
‧Cross-reference :
6dB: BH3544F, NJM2169
0dB: BH3541F, NJM2168
DESCRIPTION
The MS6544 is an integrated class AB stereo headphone
driver contained in an SO8 package. The MS6544 has
fixed gain of 6dB and the MS6541 has fixed gain of
0dB. The mute function to prevent popping sounds when
the power is turned on and off. It has good performance
at low voltage operation, the MS6544/41 ideally suited
for use in portable digital audio equipment.
BLOCK DIAGRAM
7
6
5
8
2
3
4
1
INB
VDD
OutB
BIAS
OutA
MUTE
INA
VSS
MUTE
BIAS
90k
(180k)
90k
(180k)
6dB
(0dB)
6dB
(0dB)
PIN CONFIGURATION
Symbol
Pin
Description
OutA
1
Output A
Mute
2
Mute control
(Low: mute on, High: mute off)
INA
3
Input A
VSS
4
Negative supply
INB
5
Input B
BIAS
6
Bias (connect CAP)
OutB
7
Output B
VDD
8
Positive supply
7
6
5
8
2
3
4
1
MS6544
MS6541
VDD
OUTB
BIAS
INB
OUTA
MUTE
INA
VSS


Similar Part No. - MS6541TR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6541 MOSA-MS6541 Datasheet
202Kb / 9P
Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
MS6541GTR MOSA-MS6541GTR Datasheet
202Kb / 9P
Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
MS6541GU MOSA-MS6541GU Datasheet
202Kb / 9P
Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
More results

Similar Description - MS6541TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA3541 ANPEC-APA3541 Datasheet
110Kb / 13P
Class AB Stereo Headphone Driver with Mute
logo
List of Unclassifed Man...
TP5228 ETC1-TP5228 Datasheet
332Kb / 12P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
Stereo Headphone Driver with Mute
February 3, 2005
logo
MOSA ELECTRONICS
MS6332 MOSA-MS6332 Datasheet
238Kb / 7P
16-Bit Stereo Audio DAC & Headphone Driver Mute and Power Down Function Component Less, Low Cost
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_09 Datasheet
168Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
MOSA ELECTRONICS
MS6544 MOSA-MS6544_1 Datasheet
202Kb / 9P
Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
MS6863 MOSA-MS6863_1 Datasheet
468Kb / 14P
Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
logo
Unisonic Technologies
3541 UTC-3541_12 Datasheet
201Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_15 Datasheet
231Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com