Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI-AAA-RVGXX Datasheet(PDF) 33 Page - PowerDynamics, Inc

Part # PDI-AAA-RVGXX
Description  D-SUB CONNECTORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDI-AAA-RVGXX Datasheet(HTML) 33 Page - PowerDynamics, Inc

Back Button PDI-AAA-RVGXX Datasheet HTML 29Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 30Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 31Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 32Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 33Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 34Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 35Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 36Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 37Page - PowerDynamics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
205
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: sales@powerdynamics.com •
www.powerdynamics.com
7
7
Board Mount Options, Filtered, Straight
TERMINATION TYPE
P. C. PINS
SOLDER CUPS
HOLE
2.5mm
HEX RIVET
5.8mm RIVET
ATTACHED
IN BACK
5.8mm RIVET
ATTACHED
IN FRONT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com