Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI-AAA-RVGXX Datasheet(PDF) 5 Page - PowerDynamics, Inc

Part # PDI-AAA-RVGXX
Description  D-SUB CONNECTORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDI-AAA-RVGXX Datasheet(HTML) 5 Page - PowerDynamics, Inc

  PDI-AAA-RVGXX Datasheet HTML 1Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 2Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 3Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 4Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 5Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 6Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 7Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 8Page - PowerDynamics, Inc PDI-AAA-RVGXX Datasheet HTML 9Page - PowerDynamics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
177
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: sales@powerdynamics.com •
www.powerdynamics.com
7
7
Specifications subject to change without notice. Dimensions in mm.
Right Angle, P.C.B., 7.2mm Footprint
PDI-15S
(shown)
PDI-15R
(shown)
2.84
B
2.77
A
C
8.3 12.5
UNC #4-40
2 PLACES
A
24.60
NUMBER OF PINS
16.30
915
25
37
38.30
54.80
33.30
25.00
47.10
63.50
39.20
30.80
53.10
69.40
B
C
B
PCB LAYOUT
2.77
1.385
2.84
Ø
1.0
Ø
3.2
2 PLACES
BOARD EDGE
2.77
2.84
B
2.77
A
C
7.9 12.5
UNC #4-40
2 PLACES
2.84
8.1
9.52
3.3
6.0
2.84
8.1
9.52
3.3
6.0
A
25.25
NUMBER OF PINS
16.92
915
25
37
38.96
55.42
33.30
25.00
47.10
63.50
39.20
30.80
53.10
69.40
B
C
B
PCB LAYOUT
1.385
2.84
Ø
1.0
Ø
3.2
2 PLACES
BOARD EDGE
2.77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com