Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI-BAA-RVGXX Datasheet(PDF) 14 Page - PowerDynamics, Inc

Part # PDI-BAA-RVGXX
Description  D-SUB CONNECTORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDI-BAA-RVGXX Datasheet(HTML) 14 Page - PowerDynamics, Inc

Back Button PDI-BAA-RVGXX Datasheet HTML 10Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 11Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 12Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 13Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 14Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 15Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 16Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 17Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 18Page - PowerDynamics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
186
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: sales@powerdynamics.com •
www.powerdynamics.com
7
7
PD - 15
I
S S - S
W - H
= 09
= 15
= 25
= 37
NUMBER OF PINS:
STRAIGHT
GENDER:
MALE
= S
FEMALE
= R
TERMINATION TYPE:
P.C. PINS
SOLDER CUP
EXTENDED P.C. PINS
= BLANK
= S
= E
= BLANK
= A
= D
= G
= H
= K
= P
= R
= U
EXAMPLE & ORDERING CODE
SPECIFICATIONS
Insulator:
P.B.T. and glass-fiber reinforced
UL 94V-0
Mechanical:
Mating Force: 9 PIN 15 PIN 25 PIN 37 PIN
minimum: 1.5 kg 2.0 kg
3.0 kg 3.0 kg
maximum: 5.0 kg 7.0 kg
8.0 kg 12.0 kg
Unmating Force: 9 PIN 15 PIN 25 PIN 37 PIN
minimum: 1.5 kg 2.0 kg
3.5 kg 3.5 kg
maximum: 5.0 kg 7.0 kg
8.0 kg 12.0 kg
ELECTRICAL SPECIFICATIONS:
Rated Current: 3A
Rated Voltage: 300 VDC
Insulator Resistance:
3000 Megaohm min. @ 500 VDC
Contact Resistance: 15 milliohm max.
Dielectric Withstanding Strength:
1000 VAC for 1 minute
Temperature: -55
°C to 105°C
INSULATOR COLOR:
BLACK
WHITE
= BLANK
= W
MATING FACE:
2.5mm HEX RIVET
3.8mm RIVET ATTACHED IN BACK
5.8mm RIVET ATTACHED IN BACK
5.8mm BOARD LOCK
HOLE
5.8mm RIVET ATTACHED IN FRONT
4-40 THREADED RIVET AND JACK SCREW (UNASSEMBLED)
4-40 THREADED RIVET AND JACK SCREW
11.9mm BOARD LOCK
GOLD PLATING:
(XX is gold in micro inches)
= GXX
GOLD FLASH (STANDARD)
= BLANK
JACK SCREW
MATERIAL AND FINISH:
Shell:
Material:
Steel
Plating:
Tin or Nickel
Thickness:
Base Copper: 40
µ"
Tin: 80~120
µ"
Contacts:
Material:
Brass (male)
Phosphor Bronze (female)
Plating:
Gold Plate or Tin/Lead over Nickel
Thickness:
Gold Flash
40
µ" Nickel base
80~100
µ" Tin/Lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com