Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI-BAA-RVGXX Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PDI-BAA-RVGXX
Description  D-SUB CONNECTORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDI-BAA-RVGXX Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PDI-BAA-RVGXX Datasheet HTML 1Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 2Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 3Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 4Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 5Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 6Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 7Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 8Page - PowerDynamics, Inc PDI-BAA-RVGXX Datasheet HTML 9Page - PowerDynamics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
174
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: sales@powerdynamics.com •
www.powerdynamics.com
7
7
I -
S
J
15
9 -
-
PD
RIGHT ANGLE, P.C.B.
NUMBER OF PINS:
= 09
= 15
= 25
= 37
EXAMPLE & ORDERING CODE
SPECIFICATIONS
MATERIAL AND FINISH:
Shell:
Material:
Steel
Plating:
Tin
Thickness:
Base Copper: 40
µ"
Tin: 80~120
µ"
Contacts:
Material:
Brass (male)
Phosphor Bronze (female)
Plating:
Gold Plate or Tin/Lead over Nickel
Thickness:
Gold Flash
40
µ" Nickel base
80~100
µ" Tin/Lead
GENDER:
MALE
= S
FEMALE
= R
FOOT PRINT LENGTH:
7.2mm
= BLANK
5.34mm
= 5
9.4mm
= 9
13.84mm
= 13
9.4mm RECESSED BOARD LOCK
= 9L
13.84mm RECESSED BOARD LOCK
= 13L
MATING FACE:
= BLANK
= J
= K
= P
= R
4-40 THREADED RIVET
JACK SCREW 4-40 THREAD
RIVETED HEX STANDOFF
4-40 THREADED RIVET AND JACK SCREW (UNASSEMBLED)
4-40 THREADED RIVET AND JACK SCREW
= BLANK
= H
= T
= Z
BOARD LOCK
HOLE
THREADED HOLE
NO GROUNDING STRAP
P.C.B. FACE:
GOLD PLATING:
(XX is gold in micro inches)
= GXX
GOLD FLASH (STANDARD)
= BLANK
Insulator:
P.B.T. and glass-fiber reinforced
UL 94V-0
Mechanical:
Mating Force: 9 PIN 15 PIN 25 PIN 37 PIN
minimum: 1.5 kg 2.0 kg
3.0 kg 3.0 kg
maximum: 5.0 kg 7.0 kg
8.0 kg 12.0 kg
Unmating Force: 9 PIN 15 PIN 25 PIN 37 PIN
minimum: 1.5 kg 2.0 kg
3.5 kg 3.5 kg
maximum: 5.0 kg 7.0 kg
8.0 kg 12.0 kg
ELECTRICAL SPECIFICATIONS:
Rated Current: 3A
Rated Voltage: 300 VDC
Insulator Resistance:
3000 Megaohm min. @ 500 VDC
Contact Resistance: 15 milliohm max.
Dielectric Withstanding Strength:
1000 VA for 1 minute
Temperature: -55
°C to 105°C
JACK SCREW
Tin over Nickel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com