Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI-DAA-RVGXX Datasheet(PDF) 13 Page - PowerDynamics, Inc

Part # PDI-DAA-RVGXX
Description  D-SUB CONNECTORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDI-DAA-RVGXX Datasheet(HTML) 13 Page - PowerDynamics, Inc

Back Button PDI-DAA-RVGXX Datasheet HTML 9Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 10Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 11Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 12Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 13Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 14Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 15Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 16Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 17Page - PowerDynamics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
185
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: sales@powerdynamics.com •
www.powerdynamics.com
7
7
Specifications subject to change without notice. Dimensions in mm.
Stacked
PDI-EDA
(shown)
PDI-ECA
(shown)
8.1
2.8
6.0
F
2.84
3.96
A
24.60
NUMBER OF PINS
16.30
915
25
37
38.30
54.80
33.30
25.00
47.10
63.50
39.20
30.80
53.10
69.40
25.25
16.92
38.96
55.42
B
C
D
E
19.05
PORT TO PORT SPACING
15.88
22.86
31.55
28.38
35.36
F
2.77
2.84
B
1.385
3.96
6.9
CENTER LINE 6.9mm
Ø
1.0
Ø
3.2
4 PLACES
EDGE OF P.C. BOARD
B
C
2.77
7.9
12.5
UNC #4-40
4 PLACES
2.84
D
A
8.1
2.8
6.0
E
2.84
3.96
A
24.60
NUMBER OF PINS
16.30
915
25
37
38.30
54.80
33.30
25.00
47.10
63.50
39.20
30.80
53.10
69.40
B
C
D
19.05
PORT TO PORT SPACING
15.88
22.86
31.55
28.38
35.36
E
2.84
B
1.385
3.96
6.9
CENTER LINE 6.9mm
Ø
1.0
Ø
3.2
4 PLACES
EDGE OF P.C. BOARD
2.77
B
A
C
2.77
7.9
12.5
UNC #4-40
4 PLACES
2.84
8.3
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com