Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI-DAA-RVGXX Datasheet(PDF) 40 Page - PowerDynamics, Inc

Part # PDI-DAA-RVGXX
Description  D-SUB CONNECTORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDI-DAA-RVGXX Datasheet(HTML) 40 Page - PowerDynamics, Inc

Back Button PDI-DAA-RVGXX Datasheet HTML 34Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 35Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 36Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 37Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 38Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 39Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 40Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 41Page - PowerDynamics, Inc PDI-DAA-RVGXX Datasheet HTML 42Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
212
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: sales@powerdynamics.com •
www.powerdynamics.com
7
7
8
15
PDI-
8
NUMBER OF D-SUB CONTACTS:
P
S -
C
- S
= 09
= 15
= 25
GENDER:
= S
MALE
FEMALE
= R
NUMBER OF POSITIONS:
EXAMPLE & ORDERING CODE
D-SUB TO
PHONE JACK
= 4
= 6
= 8
= 10
BODY COLOR:
GRAY
BLACK
SCREW TYPE:
BLANK
=
= S
THUMB SCREW
STANDARD PHILLIPS SCREW
BLANK
=
= B
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS:
Rated Current: 3A
Rated Voltage: 300 VDC
Insulator Resistance:
3000 Megaohm min. @ 500 VDC
Contact Resistance: 15 milliohm max.
Dielectric Withstanding Strength:
1000 VAC for 1 minute
Temperature: -55
°C to 105°C
MATERIAL AND FINISH (D-SUB):
Shell:
Material:
Steel
Plating:
Tin
Thickness:
Base Copper: 40
µ"
Tin: 80~120
µ"
Contacts:
Material:
Brass (male)
Brass or Phosphor Bronze (female)
Plating:
Gold Plate over Nickel
Thickness:
Gold Flash
40
µ" Nickel base
Insulator:
P.B.T. and glass-fiber reinforced
UL 94V-0
Mechanical:
Mating Force: 9 PIN 15 PIN 25 PIN
minimum: 1.5 kg 2.0 kg
3.0 kg
maximum: 5.0 kg 7.0 kg
8.0 kg
Unmating Force: 9 PIN 15 PIN 25 PIN
minimum: 1.5 kg 2.0 kg
3.5 kg
maximum: 5.0 kg 7.0 kg
8.0 kg
= 2
= 4
= 6
= 8
= 10
NUMBER OF CONTACTS:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com