Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVST2800T Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DVST2800T
Description  HIGH RELIABILITY DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVST2800T Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DVST2800T Datasheet HTML 1Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 2Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 3Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 4Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 5Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 6Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 7Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 8Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DVST2800T Series
90054DSD
11314 4th Avenue
West, Suite 206
Everett, WA 98204
http://www.vpt-inc.com
Sales Information:
Phone: (425) 353-3010
Fax: (425) 353-4030
E-mail: vptsales@vpt-inc.com
1
HIGH RELIABILITY
DC-DC CONVERTERS
DESCRIPTION
The DVST series of high reliability DC-DC converters
contains internal EMI filtering and meets MIL-STD-
461C and MIL-STD-461D for conducted emissions,
providing a one piece COTS solution for power
conversion applications. The DVST series is
operable over a wide (-55°C to +100°C) temperature
range with no power derating. Unique to the DVST
series is a magnetic feedback circuit that is radiation
immune. The three low noise outputs are fully
isolated from each other, allowing for maximum
flexibility in system design.
This product may incorporate one or more of the
following U.S. patents:
5,784,266
5,790,389
5,963,438
5,999,433
6,005,780
6,084,792
6,118,673
FEATURES
• Up to 30 Watts Output Power
• Three Fully Isolated Outputs
• Wide Input Voltage Range: 15 to 50 Volts per
MIL-STD-704 with 80 Volt Transient for 1 sec
• Internal Filter Meets MIL-STD-461C and MIL-
STD-461D Conducted Emissions Requirements
• NO Use of Optoisolators
• Undervoltage Lockout
• Indefinite Short Circuit Protection
• Current Limit Protection
• Low Output Noise
• Custom Versions Available
• Low Profile (0.380 inches) Package
• Military Environmental Screening Available
Figure 1
– DVST2800T DC-DC Converter
(Not To Scale)


Similar Part No. - DVST2800T

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVST2800T VPT-DVST2800T Datasheet
560Kb / 13P
HIGH RELIABILITY DC-DC CONVERTERS
More results

Similar Description - DVST2800T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
HIGH RELIABILITY DC-DC CONVERTERS
DV200-2800D ETC-DV200-2800D Datasheet
198Kb / 11P
HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DV200-2800S DELTA-DV200-2800S Datasheet
189Kb / 10P
HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D DELTA-DV200-27000D Datasheet
190Kb / 12P
HIGH RELIABILITY DC-DC CONVERTERS
logo
International Rectifier
AFL120XXS IRF-AFL120XXS Datasheet
125Kb / 11P
HIGH RELIABILITY HYBRID DC/DC CONVERTERS
logo
VPT, Inc.
DV200-2800D VPT-DV200-2800D Datasheet
200Kb / 12P
HIGH RELIABILITY DC-DC CONVERTERS
DV200-2800S VPT-DV200-2800S Datasheet
189Kb / 10P
HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D VPT-DV200-27000D Datasheet
191Kb / 12P
HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S VPT-DV200-27000S Datasheet
194Kb / 11P
HIGH RELIABILITY DC-DC CONVERTERS
DVST2800T VPT-DVST2800T Datasheet
560Kb / 13P
HIGH RELIABILITY DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com