Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVST2800T Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # DVST2800T
Description  HIGH RELIABILITY DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVST2800T Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  DVST2800T Datasheet HTML 1Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 2Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 3Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 4Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 5Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 6Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 7Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 8Page - Delta Electronics, Inc. DVST2800T Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DVST2800T Series
90054DSD
5
SPECIFICATIONS (T
CASE = -55°C to +100°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Operating Case Temperature
-55°C to +100°C
Input Voltage (Transient, 1 second)
80 Volts
Storage Temperature
-55°C to +125°C
Output Power
1
30 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +100°C)
15 Watts
Weight (Maximum)
100 Grams
AUXILIARY OUTPUT
DVST28x12yyT
DVST28x15yyT
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
STATIC
VOUT
TCASE = 25°C
11.76
12.00
12.24
14.70
15.00
15.30
V
OUTPUT
Voltage
VOUT
TCASE = -55°C to +100°C
11.64
12.00
12.36
14.55
15.00
15.45
V
Power
2
0
5
0
5
W
Current
2
VOUT
0
0.42
0
0.33
A
Ripple Voltage
VOUT
Full Load, 20Hz to 10MHz
25
50
25
50
mVp-p
Line Regulation
VOUT
VIN = 15V to 50V
5
20
5
20
mV
Load Regulation
VOUT
No Load to Full Load
10
50
10
50
mV
CAPACITIVE LOAD
500
500
µF
DYNAMIC
Load Step Output Transient
VOUT
200
400
200
400
mVPK
Load Step Recovery
3
Half Load to Full Load
100
200
100
200
µSec
Line Step Output Transient
VOUT
100
400
100
400
mVPK
Line Step Recovery
3
VIN = 15V to 50V
100
200
100
200
µSec
Turn On Delay
VOUT
2
20
2
20
mSec
Turn On Overshoot
VIN = 0V to 28V
100
250
100
250
mVPK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com