Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMD270-461SL Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # FMD270-461SL
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD270-461SL Datasheet(HTML) 4 Page - Interpoint Corporation Company

  FMD270-461SL Datasheet HTML 1Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 2Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 3Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 4Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 5Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 6Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 7Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 8Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
B3-10
FMD/FME EMI FILTER
0.7 TO 15 AMP
EMI INPUT FILTERS
0.1
F
50 V
0.01
F
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FMD28-461
4.1
H
4.1
H
4.1
H
135
H
6
F
50 V
10
F
50 V
1.3
135
H
0.015
F
500V
0.015
F
Positive
Input
Input
Common
Positive
Output
Output
Common
FMD270-461
18.5
H
18.5
H
0.68
F
0.68
F
1.3
0.015
F
844
H
844
H
+Vin
+Vout
Input
Common
Output
Common
Case
R L
R L
EMI FILTER
DC/DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
FIGURE 5: CONNECTION DIAGRAM
FIGURE 3: FMD28-461 SCHEMATIC – TYPICAL VALUES
FIGURE 4: FMD270-461 SCHEMATIC – TYPICAL VALUES
The case ground connection between the filter and the converter should be as low an impedance as possible
to minimize EMI. Direct contact of baseplate to chassis ground provides the lowest impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com