Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMD270-461SL Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # FMD270-461SL
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD270-461SL Datasheet(HTML) 5 Page - Interpoint Corporation Company

  FMD270-461SL Datasheet HTML 1Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 2Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 3Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 4Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 5Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 6Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 7Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 8Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PIN OUT DOWN-LEADED MODEL
PIN OUT SIDE-LEADED MODELS
MODEL NUMBERING KEY
Angled corner and cover marking indicate pin one for cases U1, U2, and V.
Cover marking indicates pin one for cases W, Y and Z.
TOP VIEW
All FME models, FMD28-461SL,
and FMD270-461SL
(Pin side, marked side)
1
2
3
4
5
6
12
11
10
9
8
7
FME
28 - 461
V
/ 883
Base Model
Input Voltage
MIL-STD-461 Reference
Screening
Case/Lead Option*
(Standard screening has no designator
in this position.)
B3-11
FMD/FME EMI FILTER
0.7 TO 15 AMP
EMI INPUT FILTERS
Outline shown is case U2, pin out is the same for all
side-leaded cases. Also available: flanged – leads bent
down (case V); tabbed – leads bent up (case W), short
leads (case Y), and leads bent down (case Z). See
Section B8, cases U1, U2, V, W, Y, and Z for dimensions.
Pin1
Designation
1, 2, 3
Positive Input
4, 5, 6
Input Common
7, 8, 9
Output Common
10, 11, 12
Positive Output
—
Case Ground2
Notes
1. All pins must be connected.
2. The baseplate is the only case ground connection and
should directly contact chassis ground.
FMD28-461SL, FMD270-461SL,
FME28-461, and FME270-461
FIGURE 6: PIN OUT SIDE-LEADED MODELS
54
3
12
Squared corner and dot on top
of package indicate pin one.
BOTTOM VIEW
FMD28-461
FIGURE 7: PIN OUT FMD28-461
See Section B8, case J4, for dimensions.
Pin
Designation
1
Positive Input
2
Positive Output
3
Output Common
4
Case Ground1
5
Input Common
Note
1. Although
down-leaded
packages
can
be
connected to chassis ground with the case
ground lead, direct contact of the base plate to
chassis improves EMI performance.
DSCC NUMBERS
DSCC DRAWING
(5915)
95004-01HXC
95004-01HTC
95004-01HUC
95004-01HYC
95004-01HZC
95009-01HXC
IN PROCESS
IN PROCESS
IN PROCESS
IN PROCESS
FME SERIES
SIMILAR PART
FME28-461/883
FME28-461W/883
FME28-461V/883
FME28-461Y/883
FME28-461Z/883
FME270-461/883
FME270-461W/883
FME270-461V/883
FME270-461Y/883
FME270-461Z/883
FMD28-461
For exact specifications for a DSCC product, refer to the
DSCC drawing. Contact your Interpoint representative for
status on the FME DSCC releases. See Section A3,
“SMD/DSCC Lists”, for more information.
*Case/Lead Option: See section B8, cases J4, U1, U2, V, W, Y, and Z for
drawings and dimensions, see Section A5 for ordering information.
FME models: Case U2 has no designator in the case/lead option position.
To designate a case option add the case letter to the model number –
FME28-461V.
FMD models: Case J4 (down-leaded) has no designator in the case/lead-
option position. To designate case U1 (side-leaded) for the FMD place
"SL" in the case/lead option position – FMD28-461SL. The 270 volt FMD
is only available in the side-leaded case – FMD270-461SL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com