Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC6419 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC6419
Description  10 amp per circuit 1-1/2 inch through-bore
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC6419 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC6419 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC6419 Datasheet HTML 2Page - List of Unclassifed Manufacturers AC6419 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
23
Moog
•
www.moog.com
23
Lead Wire Color Code
Ring #
Color
Ring #
Color
Ring #
Color
Ring #
Color
Ring #
Color
Ring #
Color
1
Blk
5
Yel
9
Gry
13
Wht-Red
17
Wht-Blu
21
Wht-Blk-Red
2
Brn
6
Grn
10
Wht
14
Wht-Orn
18
Wht-Vio
22
Wht-Blk-Orn
3
Red
7
Blu
11
Wht-Blk
15
Wht-Yel
19
Wht-Gry
23
Wht-Blk-Yel
4.
Orn
8
Vio
12
Wht-Brn
16
Wht-Grn
20
Wht-Blk-Brn
24
Wht-Blk-Grn
Slip Rings With Through-Bores
Notes:
1. Drawings not actual size, measurements are in inches (millimeters)
2. Rotor and stator leads exit 4 places, 90° apart, 6 leads per exit relative to circuit count
3.  = Flange mounted, add .21 (5,3) for flange, no collar ring
*Please note that the operational life of the unit is dependent upon rotational speed, environment and temperature.
AC4598 Specifications
Options
Operating Speed
250 rpm*
• 5 inch (127 mm) O.D. flange with 4 mounting holes
• Splash seals for dust and moisture resistance
• Various axial and radial lead exits are available
• Longer lead lengths are available
• Higher rotational speeds with alternate bearings
• Higher current and voltage capacity per circuit
• Signal and power circuit combination
• IP 65 rated slip ring available (P/N AC6419)
• Available with Ethernet, contact factory
Number of Circuits 6, 12, 18 or 24
Lead Wire
16 gauge, 12 inches (300 mm)
Voltage
600 VAC
Operating Temp.
-40°C to 80°C
Current Rating
10 amp circuits
Noise
100 milliohms max.
Dimensions in inches (millimeters)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com