Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC6419 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC6419
Description  10 amp per circuit 1-1/2 inch through-bore
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC6419 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC6419 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC6419 Datasheet HTML 2Page - List of Unclassifed Manufacturers AC6419 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
22
Moog
•
www.moog.com
Slip Rings With Through-Bores
Typical Applications
• Industrial machinery - machining
centers, rotary index tables, heavy
equipment turrets or cable reels,
test equipment, packaging
machines, palletizing machines,
magnetic clutches, process control
equipment, rotary sensors,
emergency lighting, robotics
• Exhibit / display equipment
• Medical equipment
AC4598
10 amp per circuit 1-1/2 inch through-bore
Description
A slip ring can be used in any electromechanical system that requires
unrestrained, continuous rotation while transferring power and / or data
from a stationary to a rotating structure. Aslip ring is also called a rotary
electrical interface, collector, swivel, or a rotary joint. A slip ring can
improve system performance by simplifying operations and eliminating
damage-prone wires dangling from movable joints.
The 1-1/2 inch through-bore provides routing space for hydraulics,
pneumatics or for a concentric shaft mount.
TheAC4598 uses our unique fiber brush technology which offers several
advantagesoverconventionalslipringcontacts,includingmultiplepoints
of contact per brush bundle, low noise, electrical and low contact wear
rates. In addition, fiber brushes do not require lubrication and produce
virtually no wear debris.
Features
• 1-1/2 inch through-bore
• Speeds up to 250 rpm
• 6, 12, 18 or 24 ten amp circuits
• 16 gauge, 12 inch lead wire - longer lead lengths are available
• Higher rotational speeds with alternate bearings (optional)
• Various axial and radial lead exits are available
• Splash seals for dust and moisture resistance
• Standard collar mounting - flange mounting optional
• Also available with 12, 24, 36 and 48, 2 amp rings or power and signal
combinations. Please refer to AC6200 data sheet
• Available with Ethernet
Benefits
• Transfers analog and digital signals
• Compatible with data bus protocols
• Fiber brush technology provides long life and maintenance-free
operation (no lubrication required)
• Continuous 360° rotation of power or data signals


Similar Part No. - AC6419

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
AC64 CONNOR-WINFIELD-AC64 Datasheet
55Kb / 1P
14 PIN DIP ADVANCED CMOS
logo
3M Electronics
AC649 3M-AC649 Datasheet
158Kb / 5P
3M™ Scotch-Weld™ Activator AC649
Oct-2015
logo
Connor-Winfield Corpora...
AC64R CONNOR-WINFIELD-AC64R Datasheet
62Kb / 1P
ACMOS ENABLE/DISABLE TRISTATE OUTPUT
More results

Similar Description - AC6419

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
MSJ150 CSB-BATTERY-MSJ150_16 Datasheet
880Kb / 2P
Cells per unit 1 Voltage per unit 2
MSJ200 CSB-BATTERY-MSJ200_16 Datasheet
877Kb / 2P
Cells per unit 1 Voltage per unit 2
MSJ650 CSB-BATTERY-MSJ650_16 Datasheet
901Kb / 2P
Cells Per Unit 1 Voltage Per Unit 2
MSV300 CSB-BATTERY-MSV300_16 Datasheet
844Kb / 2P
Cells Per Unit 1 Voltage Per Unit 2
logo
SparkFun Electronics
ROB-12177 SPARKFUN-ROB-12177 Datasheet
96Kb / 1P
Tube Clamp Hub - 1/2 Bore
2/4/2016
ROB-12214 SPARKFUN-ROB-12214 Datasheet
95Kb / 1P
Clamping Hub - 1/2 Bore
2/3/2016
ROB-12379 SPARKFUN-ROB-12379 Datasheet
93Kb / 1P
Bearing Mount - Flat Wide (1/2 Bore)
1/15/2016
ROB-12494 SPARKFUN-ROB-12494 Datasheet
90Kb / 1P
Set Screw Hub - 1/2 Bore
2/5/2016
ROB-12502 SPARKFUN-ROB-12502 Datasheet
93Kb / 1P
Bearing Mount - Flat (1/2 Bore)
1/15/2016
ROB-13012 SPARKFUN-ROB-13012 Datasheet
91Kb / 1P
Ball Bearing - Flanged (1/4 Bore, 1/2 OD, 2-Pack)
2/12/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com