Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEV Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # SEV
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

SEV Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  SEV Datasheet HTML 1Page - RUBYCON CORPORATION SEV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
SEV
SERIES
SEV
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+85℃
4∼100V.DC
±20%(20℃,120Hz)
I
=0.01CV or 3μA whichever is greater.       
(After 2 minutes application of rated voltage)
I
=Leakage Current(μA)     C=Rated Capacitance(μF)     V=Rated Voltage(V)
                   
Rated Voltage
(V)
φ3
tanδ
0.40
4
0.30
6.3
−
10
0.20
16
0.16
25
0.14
35
0.14
50
φ6.3×8,φ8∼φ18 0.50 0.35 0.26 0.20 0.16 0.14 0.12
φ4,φ5,φ6.3×5.5 0.40 0.26 0.22 0.18 0.16 0.13 0.12
−
63
−
100
0.12 0.10
−
−
Rated Voltage
(V)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
15
4
8
6.3
8
10
4
16
4
25
3
35
3
7432222
50
5
63
5
22
100
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 2000 hrs at 85℃, the capacitors shall meet the following requirements.
85℃, Lead Free Reflow Soldering.
◆FEATURES
• Case Dia φ3∼φ18mm
• Lead free reflow soldering is available.
• Available for high density mounting.
(20℃,120Hz)
(120Hz)
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
◆MARKING
◆PART NUMBER
□□□
Rated Voltage
SEV
Series
□□□
Option
D×L
Case Size
□□□□□
Rated Capacitance
□
Capacitance Tolerance
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.50
1.00
1.20
1.30
1.50
0.65
0.1∼1μF
2.2∼4.7μF
1.00
1.20
1.30
1.50
0.80
10∼47μF
1.00
1.20
1.30
1.50
0.80
100∼1000μF
1.00
1.10
1.15
1.20
0.80
2200∼10000μF
1.00
1.05
1.10
1.15
〈φ3∼φ6.3, φ8×6.5〉 〈φ8×10.5, φ10∼φ18〉
Series
Lot No.
Lot No.
Capacitance
Trade mark
Maximum operating
temperature
Capacitance
※Rated voltage
Rated voltage
Polarity of the terminals
(           )
※Voltage mark for 6.3V is 6Vφ3 omits V
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
• RoHS compliance.
UAA
100
6V
Rubycon
100μF
50V


Similar Part No. - SEV

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SEV-G2-500V SCHURTER-SEV-G2-500V Datasheet
271Kb / 3P
NH-Sicherung, SEV G2
SEV-G2500V SCHURTER-SEV-G2500V Datasheet
301Kb / 4P
NH-Sicherung, SEV G2
SEV-G2500V SCHURTER-SEV-G2500V Datasheet
283Kb / 3P
Fuse link, SEV G2 500V (gG)
04.01.2022
SEV-G2500V SCHURTER-SEV-G2500V_V01 Datasheet
283Kb / 3P
Fuse link, SEV G2 500V (gG)
04.01.2022
logo
Sanyou Corporation Limi...
SEV10 SANYOU-SEV10 Datasheet
543Kb / 3P
High Voltage DC Relay
More results

Similar Description - SEV

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com