Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEV Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # SEV
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

SEV Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  SEV Datasheet HTML 1Page - RUBYCON CORPORATION SEV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
8
8
10
6.5
10.5
10.5
8.3
8.3
10.3
8.3
8.3
10.3
3.4
2.9
3.2
0.5∼0.8
0.8∼1.1
0.8∼1.1
2.2
3.1
4.5
φD
4
5
L
5.5
5.5
A1
4.3
5.3
B1
4.3
5.3
C
1.8
2.2
W1
0.5∼0.8
0.5∼0.8
PK
α
1.0
3
5.5
3.3
3.3
1.5
0.45∼0.8
0.8
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
12.5
13.5
13
13
4.9
0.8∼1.1
4.5
0.7±0.4
0.5
12.5
16
13
13
4.9
0.8∼1.1
4.5
0.7±0.4
0.5
16
16.5
17
17
6
1.0∼1.6
6.8
0.7±0.4
0.5
16
21.5
17
17
6
1.0∼1.6
6.8
0.7±0.4
0.5
18
16.5
19
19
7
1.0∼1.6
6.8
0.7±0.4
0.5
18
21.5
19
19
7
1.0∼1.6
6.8
0.7±0.4
0.5
1.3
6.3
5.5
6.6
6.6
2.7
0.5∼0.8
1.8
6.3
8
6.6
6.6
2.7
0.5∼0.8
1.8
◆STANDARD SIZE, RATED RIPPLE CURRENT    Size φD×L(mm), Ripple Current (mA r.m.s./85℃, 120Hz)
WV(V.DC)
Cap(μF)
4
(0G)
Size Ripple
Size Ripple
Size Ripple
Size Ripple
Size Ripple
Size Ripple
Size Ripple
Size Ripple
Size Ripple
6.3
(0J)
10
(1A)
16
(1C)
25
(1E)
35
(1V)
50
(1H)
63
(1J)
100
(2A)
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
10000
5×5.5
61
6.3×5.5
96
6.3× 8
200
8×6.5 210
190
6.3×8
8×10.5 380
10×10.5 700
6.3×5.5
71
5×5.5
43
4×5.5
25
5×5.5
30
6.3×5.5
58
8×10.5 200
6.3×8
95
160
170
130
90
80
75
170
240
4×5.5
17
6.3×5.5
48
8×6.5 115
105
6.3×8
4×5.5
18
3×5.5
10
3×5.5 8.4
6.3×5.5
54
6.3×5.5
60
8×6.5
6.3×8
160
145
10×10.5 680
8×6.5
6.3×8
190
175
8×10.5 330
4×5.5
34
4×5.5
28
3×5.5
19
5×5.5
61
4×5.5
36
6.3×5.5
71
6.3×5.5
96
5×5.5
46
φ8×10.5∼φ18 have sleeve.
3×5.5
21
4×5.5
29
4×5.5
32
43
5×5.5
8×10.5 380
10×10.5 680
8×10.5 290
6.3×8 165
8×10.5 330
10×10.5 670
2000
18×21.5
1400
16×16.5
1200
16×16.5
890
12.5×16
710
12.5×13.5
960
12.5×16
1300
1500
16×16.5
1850
18×21.5
1750
1450
18×21.5
1150
16×16.5
720
12.5×13.5
1650
18×16.5
16×21.5
18×16.5
16×21.5
18×16.5
16×21.5
1700
1350
18×21.5
1550
18×21.5
1150
18×21.5
740
16×16.5
600
12.5×13.5
580
12.5×13.5
1000
16×16.5
700
12.5×13.5
820
12.5×16
700
12.5×13.5
18×16.5
16×21.5
680
850
18×16.5
580
12.5×16
18×16.5
16×21.5
825
665
18×21.5
440
12.5×16
250
12.5×13.5
18×16.5
16×21.5
8×10.5
10×10.5 560
300
10×10.5 570
8×10.5
10×10.5 480
280
6.3×5.5
86
8×6.5 135
5×5.5
50
6.3×5.5
60
3×5.5
12
4×5.5
30
5×5.5
39
3×5.5
18
4×5.5
25
3×5.5
12
4×5.5
18
4×5.5
18
5×5.5
22
5×5.5
30
6.3×5.5
35
6.3×5.5
48
8×6.5
80
8×10.5 240
10×10.5 280
8×10.5 320
10×10.5 500
8×10.5
8×10.5
8×10.5
10×10.5
8×10.5
8×10.5
8×10.5
10×10.5
3×5.5
10
4×5.5
14
3×5.5
8.0
4×5.5
8.4
3×5.5
4×5.5
3×5.5
4×5.5
3×5.5
4×5.5
3×5.5
1.0
2.0
2.8
4.0
4×5.5
8×10.5 385
10×10.5 690
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
SEV
L +α MAX
0.3MAX
A1
±0.2
W1
K



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com