Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8MCANTA7SL Datasheet(PDF) 10 Page - SOURIAU-SUNBANK Connection Technologies

Part # 8MCANTA7SL
Description  Miniature Lightweight High Density Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

8MCANTA7SL Datasheet(HTML) 10 Page - SOURIAU-SUNBANK Connection Technologies

Back Button 8MCANTA7SL Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 7Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 8Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 9Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 10Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 11Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 12Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 13Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 14Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
microComp® Series
10
Mechanical
Description
Requirement
Test method
Endurance / Durability
500 mating/unmating operations
Connectors shall meet contact resistance, insulation
resistance, DWV, mating and unmating force
MIL-DTL 83513
8 cycles/minute maximum
Insert retention in shell
34,4 N/cm² (50 psi)
MIL-DTL 83513
Tensile test
F>60N for #24 cable, F>45N for #26 cable
and F>30N for #28 cable
SAE AS-39029
Vibration
No discontinuity > 1µs, no cracking, breaking or
loosening of parts, plug shall not become disengaged
from receptacle. Connectors shall meet electrical
requirements after vibration test.
Random:
44g
IEC 60068-2-35, test Fda
(8h x 3 axis, f1 = 20Hz, f2 = 2000Hz)
Sine:
20g
IEC 60512-4 test 6d
(30min x 3 axis, 10Hz-2000Hz)
Shock and Bump
No discontinuity > 1µs, no cracking, breaking or
loosening of parts, plug shall not become disengaged
from receptacle. Connectors shall meet electrical
requirements after shock and bump tests.
Shock:
50g for 11ms
IEC 60512-4 6c
(3 shocks x 3 axis x 2 directions
= 18 shocks)
Bump:
390 m/s²
IEC 60512-4 6b
(4,000 ± 10 bumps x 3 axis x 2 directions
= 24,000 bump)
Contact insertion/
removal endurance
Contact insertion and withdrawal forces < 13.5 N
Contact retention in insert > 15 N
9 cycles insertion/removale
Probe damage
Separation force mini > 0.14 N
IEC 60512-8 test 16A
bending moment = 0.9 Ncm
Contact retention in
insert
>15 N
An initial force of 10N shall be applied to the
engagement end of the contact. Then a force
at a rate not exceeding 5N per sec shall be
applied: displacement shall then be mesured
from the insert face with the contact under
load and it shall not exceed
0,3 mm (.012 in) at the required force.
Max engagement force
1,66 N
The maximum diameter test pin or minimum
diameter test sleeve shall be engaged to
70% of the depth of the female mating cavity
or length of the engagement male contact
and separate 3 times. The engagement and
separation forces shall be mesured
on the third engagement and separation.
Min separation force
0,14 N
Technical features
Detailed performances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com