Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8MCANTA7SL Datasheet(PDF) 13 Page - SOURIAU-SUNBANK Connection Technologies

Part # 8MCANTA7SL
Description  Miniature Lightweight High Density Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

8MCANTA7SL Datasheet(HTML) 13 Page - SOURIAU-SUNBANK Connection Technologies

Back Button 8MCANTA7SL Datasheet HTML 9Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 10Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 11Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 12Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 13Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 14Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 15Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 16Page - SOURIAU-SUNBANK Connection Technologies 8MCANTA7SL Datasheet HTML 17Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
microComp® Series
13
Shell size
Number of contacts
Front view of male insert
A
7
B
*
11
C
*
13
D
*
17
E
*
21
F
25
G
*
33
H
51
J
104
Contact layouts
Contact size: #26
Contact pitch: 2.0 mm
* Consult us for availability.
1
5
4
7
1
7
6
11
1
8
7
13
1
10
9
17
11
21
1
12
1
14
13
25
1
13
24
12
23
33
18
35
51
1
19
36
1
23
44
66
87
22
43
65
86
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com