Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSH1205D/ES Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # HSH1205D/ES
Description  DC/DC CONVERTERS 12 VOLT INPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HSH1205D/ES Datasheet(HTML) 2 Page - Interpoint Corporation Company

  HSH1205D/ES Datasheet HTML 1Page - Interpoint Corporation Company HSH1205D/ES Datasheet HTML 2Page - Interpoint Corporation Company HSH1205D/ES Datasheet HTML 3Page - Interpoint Corporation Company HSH1205D/ES Datasheet HTML 4Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
®
2
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
INHIBIT
HSH SERIES
1.5 WATT
DC/DC CONVERTERS
Input Voltage
• 6 to 20 VDC
Output Power
• 1.5 W
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
Input Voltage Range
• 6 to 20 VDC continuous, 600 mW max
• 12 to 18 VDC continuous, 1.5 W max
Case Operating Temperature (Tc)
• +125°C to +150°C 1 watt
• –55°C to +125°C 1.5 watt
Inhibit – TTL Open Collector
• Logic low (output disabled)
• Referenced to input common
• Logic high (output enabled) open collector
Electrical Characteristics:14 VDC Vin, ±100mA load, unless otherwise specified.
TYPICAL CHARACTERISTICS
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Isolation
• 100 megohm minimum at 500 V
• Any pin to case except case pin
Audio Rejection 40 dB, typical
Conversion Frequency (kHz)
• 90 min kHz, Vin=6V, ±Iout=60 mA,
Tc=-55 to +125°C
Inhibit Pin Voltage (unit enabled)
• 7 to 8 V
HSH1205D
25°C
+125°C/-55°C1
+150°C1
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VIN = 6, IOUT = ±60mA ±4.75
±5
±5.25
±4.75
±5
±5.25
±4.75
±5
±5.25
OUTPUT VOLTAGE
VIN = 16, IOUT = ±60mA ±4.75
±5
±5.25
±4.75
±5
±5.25
±4.75
±5
±5.25
VDC
VIN = 16, IOUT = ±120mA ±4.75
±5
±5.25
±4.75
±5
±5.25
±4.75
±5
±5.25
OUTPUT CURRENT5
VIN = 12 TO 18 VDC
0
±150
240
0
±150
240
0
±100
160
mA
VIN = 6 TO 20 VDC
0
±60
96
0
±60
96
0
±60
96
OUTPUT POWER
VIN = 12 TO 18 VDC
0
—
1.5
0
—
1.5
0
—
1.0
W
VIN = 6 TO 20 VDC
0
—
0.6
0
—
0.6
0
—
0.6
OUTPUT RIPPLE
VOLTAGE
10 kHz - 2 MHz
—
35
180
—
50
250
—
50
250
mV p-p
INPUT VOLTAGE
NO LOAD TO 1.5 W
12
14
18
12
14
18
—
—
—
NO LOAD TO 600 mW
6
14
20
6
14
20
6
14
20
VDC
INPUT CURRENT
NO LOAD
—
5.0
10
—
8
12
—
18
25
mA
INHIBITED
—
2.4
3.2
—
8
12
—
2.4
3.5
INPUT RIPPLE2
CURRENT
10 kHz - 10 MHz
—
—
50
—
—
100
—
—
100
mA p-p
EFFICIENCY
71
74
—
63
67
—
59
—
—
%
START–UP
DELAY
—
3
18
—
3
18
—
3
18
ms
OVERSHOOT1
—
0
100
—
0
150
—
0
150
mV pk
LOAD FAULT1, 3, 4
POWER DISSIPATION
—
—
2.2
—
—
2.5
—
—
2.5
W
Notes:
1. Guaranteed by design, not tested.
2. Lin = 2 µH.
3. Maximum duration of short circuit: 25°C-– 90 seconds, 150°C
– 5 seconds.
4. Load fault is a short circuit (<50 mohms). Recovery is into
resistive full load.
5. Max. spec indicates 80% of the converter’s total power, avail-
able from either output providing the other output carries a
minimum of 20% of the total load.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com