Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSH1205D/ES Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # HSH1205D/ES
Description  DC/DC CONVERTERS 12 VOLT INPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HSH1205D/ES Datasheet(HTML) 1 Page - Interpoint Corporation Company

  HSH1205D/ES Datasheet HTML 1Page - Interpoint Corporation Company HSH1205D/ES Datasheet HTML 2Page - Interpoint Corporation Company HSH1205D/ES Datasheet HTML 3Page - Interpoint Corporation Company HSH1205D/ES Datasheet HTML 4Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
®
MODELS
VDC OUTPUT
DUAL
±5
DC/DC CONVERTERS
12 VOLT INPUT
HSH SERIES
1.5 WATT
FEATURES
• -55°C to +150°C operation
• 6 to 20 VDC input voltage range
• Fully isolated
• Magnetic feedback
• Variable operating frequency
• Topology –
Self Oscillating Flyback
• Inhibit function
DESCRIPTION
With a miniature footprint of just 0.8 square inches, the HSH
Series™ of DC/DC converters delivers 1.5 watts of output power
while saving significant board real estate. The wide input voltage
range of 6 to 20 VDC accepts the varying voltages of military, indus-
trial, or battery 15V bus power and tightly regulates output voltages
to protect downstream components. Transient protection of 40 volts
for up to 120 milliseconds.
CONVERTER DESIGN
HSH Series DC/DC converters incorporate a flyback topology with a
variable frequency, nominally 370 kHz. Output voltage is magneti-
cally fed back to the input side of the PWM to regulate output volt-
age.
Up to 80% of the load may be on one output providing that the other
output carries a minimum of 20% of the total load. This dual model
can be used as a single output voltage by connecting the load
between positive and negative outputs, leaving the common uncon-
nected resulting in double the output voltage. (ex: HSH1205D can
be used as a 10 VDC output.)
INHIBIT FUNCTION
When an open collector TTL logic low is applied to the inhibit termi-
nal, pin 7, the converter shuts down and lowers the output voltage
to near zero and input current to as low 5 mA. Leaving the terminal
open or applying an open collector TTL logic high will enable the
converter.
MIL-STD-461
Use Interpoint’s FMSA-461 EMI filter to pass the CE03 requirements
of MIL-STD-461C.
CONVENIENT PACKAGING
The HSH Series converters are packaged in hermetically sealed
metal cases which provide EMI/RFI shielding and protection from
the environment.
Size (max.): 0.980 x 0.805 x 0.270 inches (24.89 x 20.45 x 6.86 mm)
Weight:
12 grams max.
Screening: HSH Standard or HSH ES


Similar Part No. - HSH1205D/ES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HSH1205D INTERPOINT-HSH1205D Datasheet
481Kb / 6P
Operating temperature -40째C to 150째C Fully isolated
HSH1205D INTERPOINT-HSH1205D_10 Datasheet
481Kb / 6P
Operating temperature -40째C to 150째C Fully isolated
More results

Similar Description - HSH1205D/ES

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR151-1205 INTERPOINT-HR151-1205 Datasheet
118Kb / 9P
DC/DC CONVERTERS 12 & 28 VOLT INPUT
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
DC/DC CONVERTERS 12 AND 28 VOLT INPUT
MTO1212T INTERPOINT-MTO1212T Datasheet
123Kb / 9P
DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR151-2812 CRANE-HR151-2812 Datasheet
410Kb / 7P
DC/DC Converters 12 & 28 Volt Input
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MHE2812S CRANE-MHE2812S Datasheet
134Kb / 9P
DC/DC CONVERTERS 12 AND 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
MTO1212T CRANE-MTO1212T Datasheet
180Kb / 9P
DC/DC CONVERTERS 12 & 28 VOLT INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com