Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MFL2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805S Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MFL2805S Datasheet HTML 1Page - Interpoint Corporation Company MFL2805S Datasheet HTML 2Page - Interpoint Corporation Company MFL2805S Datasheet HTML 3Page - Interpoint Corporation Company MFL2805S Datasheet HTML 4Page - Interpoint Corporation Company MFL2805S Datasheet HTML 5Page - Interpoint Corporation Company MFL2805S Datasheet HTML 6Page - Interpoint Corporation Company MFL2805S Datasheet HTML 7Page - Interpoint Corporation Company MFL2805S Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TYPICAL CHARACTERISTICS
SYNC AND INHIBIT (INH1, INH2)
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Input Voltage
• 16 to 40 VDC
Power Dissipation (Pd)
• 14 watts (16 watts MFL2805S, MFL2805D)
Output Power
• 50 to 65 watts depending on model
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
2
MFL SERIES
65 WATT
DC/DC CONVERTERS
®
Output Voltage Temperature Coefficient
•100 ppm/°C typical
Input to Output Capacitance
• 150 pF, typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 50 dB typical
Conversion Frequency
• Free run mode 600 kHz typical
550 kHz. min, 650 kHz max
• External sync range 525 to 675 kHz
Inhibit Pin Voltage (unit enabled)
• INH1 = 9 to12 V, INH2 = 6 to 9 V
Input Voltage Range
• 16 to 40 VDC continuous
• 50 V for 120 msec transient
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derate Output Power/Current
• Linearly from 100% at 125°C to 0% at 135°C
Electrical Characteristics: –55°C to +125° C1 Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Sync In (525 to 675 kHz)
• Duty cycle 40% min, 60% max
• Logic low 0.8 V max
• Logic high 4.5 V min, 9 V max
• Referenced to input common
• If not used, connect to input common
Sync Out
• Referenced to input common
Inhibit (INH1, INH2) TTL Open Collector
• Logic low (output disabled)
INH1 referenced to input common
Logic low 0.8 V max
Inhibit pin current 10 mA max
INH2 referenced to output common
Logic low 0.5 V max
Inhibit pin current 5 mA max
• Logic high (output enabled)
Open collector
Notes
1. MFL2828S specifiications are at 25°Tc, contact your Interpoint repre-
sentative for more information.
2. Unit will shut down above approximately 45V but will be undamaged and
will restart when voltage drops into normal range.
3. Indefinite short circuit protection not guaranteed above 125°C case.
4. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
5. Transition time
≥ 10 µs.
SINGLE OUTPUT MODELS
MFL2805S
MFL2812S
MFL2815S
MFL2828S1
PARAMETER
CONDITION
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX1
UNITS
OUTPUT VOLTAGE
Tc = 25°C
4.95
5.00
5.05
11.88 12.00 12.12
14.85 15.00 15.15
27.72 28.00 28.28
VDC
OUTPUT CURRENT
VIN = 16 TO 40 VDC
0
—
10
0
—
5
0
—
4.33
0
—
2.32
A
OUTPUT POWER
VIN = 16 TO 40 VDC
0
—
50
0
—
60
0
—
65
0
—
65
W
OUTPUT RIPPLE
Tc = 25°C
—
15
35
—
30
75
—
30
85
—
100
200
VOLTAGE 10 k - 2 MHz
Tc = –55°C to +125°C
—
30
50
—
45
100
—
45
110
—
—
—
mV p-p
LINE REGULATION
VIN = 16 to 40 VDC
—
0
20
—
0
20
—
0
20
—
20
60
mV
LOAD REGULATION
NO LOAD TO FULL
—
0
20
—
0
20
—
0
20
—
20
75
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT2 50 ms
—
—
50
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD
—
70
120
—
50
80
—
50
80
—
60
100
mA
FULL LOAD
—
—
2.5
—
—
2.8
—
—
3.0
—
—
2.8
A
INHIBITED - INH1
—
9
14
—
9
14
—
9
14
—
9
14
mA
INHIBITED - INH2
—
35
70
—
35
70
—
35
70
—
35
70
INPUT RIPPLE
CURRENT
10 kHz - 10 MHz
—
15
50
—
15
50
—
15
50
—
20
50
mA pp
EFFICIENCY
Tc = 25°C
77
80
—
83
86
—
84
87
—
83
86
—
%
LOAD FAULT3
POWER DISSIPATION
SHORT CIRCUIT
Tc = 25°C
—
12.5
16
—
10
14
—
10
14
—
7
14
A
RECOVERY
—
1.5
4
—
1.5
4
—
1.5
4
—
1.0
4
ms
STEP LOAD RESP.
50% – 100% – 50%
TRANSIENT
—
250
350
—
450
600
—
500
600
—
800
1400
mV pk
RECOVERY4
—
1.5
3.0
—
1.5
3.0
—
1.5
3.0
—
1.5
3.0
ms
STEP LINE RESP.
16 – 40 – 16 VDC
TRANSIENT5
—
250
300
—
250
400
—
250
400
—
250
800
mV pk
RECOVERY4
—
200
300
—
200
300
—
200
300
—
200
400
µs
START-UP
DELAY
—
3.5
6
—
3.5
6
—
3.5
6
—
3.5
6
ms
OVERSHOOT
—
0
25
—
0
50
—
0
50
—
0
100
mV pk
PINS NOT USED
TR1, Master, and Slave
If not used, leave unconnected



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com