Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MFL2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805S Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MFL2805S Datasheet HTML 1Page - Interpoint Corporation Company MFL2805S Datasheet HTML 2Page - Interpoint Corporation Company MFL2805S Datasheet HTML 3Page - Interpoint Corporation Company MFL2805S Datasheet HTML 4Page - Interpoint Corporation Company MFL2805S Datasheet HTML 5Page - Interpoint Corporation Company MFL2805S Datasheet HTML 6Page - Interpoint Corporation Company MFL2805S Datasheet HTML 7Page - Interpoint Corporation Company MFL2805S Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODELS
VDC OUTPUT
1
®
Size (max): 3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
Case U
Weight:
100 grams maximum
Screening:
Standard, ES, or 883 (Class H).
SINGLE
5
12
15
28
DUAL
±5
±12
±15
DESCRIPTION
The MFL Series™ 28-volt DC/DC converters are rated up to 65
watts of output power over a –55°C to +125°C temperature range
with a 28 Vdc nominal input. On dual output models up to 70% of
the rated output power can be drawn from either the positive or
negative output. Current sharing allows the units to be paralleled for
total power of up to 148watts. The welded, hermetically sealed
package is only 3.005 x 1.505 x 0.400 inches, giving the series an
overall power density of up to 43 watts per cubic inch.
DESIGN FEATURES
The MFL Series converters are switching regulators that use a
quasi-square wave, single ended forward converter design with a
constant switching frequency of 600 kHz.
Isolation between input and output circuits is provided with a trans-
former in the forward path and a wide bandwidth magnetic coupling
in the feedback control loop. The MFL uses a unique dual loop feed-
back technique that controls output current with an inner feedback
loop and an output voltage with a cascaded voltage mode feedback
loop.
The additional secondary current mode feedback loop improves
transient response in a manner similar to primary current mode
control and allows for ease of paralleling, but without the cost and
complexity.
The
cascaded
constant
frequency,
pulse-width
modulated
converters use a quasi-square wave single-ended forward design.
Tight load regulation is achieved through a wide-bandwidth
magnetic feedback circuit. The output on single MFL models can be
trimmed (see Figure 1 for voltage changes with different resistor
values).
INHIBIT
The MFL Series converters have two TTL compatible inhibit termi-
nals (INH1 and INH2) that can be used to disable power conversion,
resulting in a very low quiescent input current and no generation of
switching noise. An open collector TTL compatible low (<0.8 volts)
is required to inhibit the converter between INH1 (pin 4) and Input
Common (pin 2). An open collector TTL compatible low (<0.5 volts)
is required to inhibit the converter between INH2 (pin 12) and Output
Common (pin 8). The application of intermediate voltages to these
pins (1.5 to 10.5 volts) should be avoided.
CURRENT AND PARALLEL OPERATION
Multiple MFL converters may be used in parallel to drive a common
load (see Figure 2). In this mode of operation the load current is
shared by two or three MFL converters. In current sharing mode,
one MFL converter is designated as a master. The SLAVE pin (pin
11) of the master is left unconnected and the MSTR/INH2 pin (pin
12) of the master is connected to the SLAVE pin (pin 11) of the slave
units. The units designated as slaves have the MSTR/INH2 pin (pin
12) connected to the SNS RTN pin (pin 9). Figure 2 shows the
typical setup for two or three units in parallel. Note that synchro-
nizing the units together (though shown in the figure) is not required
for current sharing operation. A second slave unit may be placed in
parallel with a master and slave; this requires the TRI pin (pin 3) of
the master unit to be connected to the SNS RTN pin (pin 9).
When paralleled, 76% of the total combined power ratings of the
MFL converters are available at the load. Overload and short circuit
performance are not adversely affected during parallel operation.
DC/DC CONVERTERS
28 VOLT INPUT
MFL SERIES
65 WATT
FEATURES
• –55° to +125°C operation
• 16 to 40 VDC input
• Fully Isolated
• Magnetic feedback
• Fixed frequency, 600 kHz typical
•Topology – Single Ended Forward
• 50 V for up to 50 ms transient protection
• Inhibit (input & output side)
• Sync function (in and out)
• Output trim on single output models
• Indefinite short circuit protection
• Remote sense on single output models
• Up to 87% efficiency / 43 W/in3
• Parallelable up to 148 watts


Similar Part No. - MFL2805S

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MFL2805S CRANE-MFL2805S Datasheet
217Kb / 13P
MFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MFL2805S INTERPOINT-MFL2805S Datasheet
645Kb / 13P
Parallel operation with current share, 16 to 40 VDC input
logo
Crane Aerospace & Elect...
MFL2805S/883 CRANE-MFL2805S/883 Datasheet
217Kb / 13P
MFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MFL2805S/883 INTERPOINT-MFL2805S/883 Datasheet
311Kb / 14P
MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
logo
Crane Aerospace & Elect...
MFL2805S/ES CRANE-MFL2805S/ES Datasheet
217Kb / 13P
MFL Single and Dual DC/DC Converters
More results

Similar Description - MFL2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S Datasheet
241Kb / 14P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com