Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5301BCCZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5301BCCZN-R7
Description  Silicon, SPDT Switch, 37 GHz to 49 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5301BCCZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5301BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet
ADRF5301
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 4 of 10
For recommended operating conditions, see Table 1.
Table 3. Absolute Maximum Ratings
Parameter
Rating
Supply Voltage
−0.3 V to +3.6 V
Digital Control Input Voltage
Voltage
−0.3 V to VDD + 0.3 V
Current
3 mA
RF Input Power (VDD = 3.3 V, f = 37 GHz to 40 GHz at
TCASE = 85°C)
Average
28.5 dBm
Peak
36.5 dBm
RF Input Power Under Unbiased Condition (VDD = 0 V)
Average
28 dBm
Peak
36 dBm
Temperature
Junction (TJ)
135°C
Storage
−65°C to +150°C
Reflow
260°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction-to-case bottom (channel-to-package bottom)
thermal resistance.
Table 4. Thermal Resistance
Package Type
θJC1
Unit
CC-20-17, Through Path
235
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to the thermal conduction from the channel through the
ground pad to the PCB, and the ground pad is held constant at the operating
temperature of +85°C.
POWER DERATING CURVE
Figure 2. Power Derating vs. Frequency, TCASE = +85°C
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) ratings are per ANSI/ESDA/JEDEC
JS-001.
Charged device model (CDM) ratings are per ANSI/ESDA/JEDEC
JS-002.
ESD Ratings for ADRF5301
Table 5. ADRF5301, 20-Terminal LGA
ESD Model
Withstand Threshold (V)
HBM
±500 for RF Pins
±2000 for Supply and Digital Control Pins
CDM
±1250 for all Pins
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com