Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5301BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5301BCCZN-R7
Description  Silicon, SPDT Switch, 37 GHz to 49 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5301BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5301BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5301BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Sheet
ADRF5301
Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Reflective design
►
Low insertion loss: 1.4 dB typical
►
High isolation: 30 dB typical
►
High input linearity:
►
P0.1dB: 36 dBm
►
Input IP3: 52 dBm
►
High RF power handling
►
28 dBm average
►
36 dBm peak
►
Single-supply operation: 3.3V
►
Internal NVG
►
RF settling time (0.1 dB final RF output): 50 ns
►
20-terminal, 3 mm × 3 mm, land grid array (LGA) package
APPLICATIONS
►
Industrial scanner
►
Test instrumentation
►
Cellular infrastructure mmWave 5G
►
Military radios, radars, electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5301 is a reflective, SPDT switch manufactured in the
silicon process.
The ADRF5301 was developed for 5G applications from 37 GHz
to 49 GHz. This device has a low insertion loss of 1.4 dB, high
isolation of 30 dB, and RF input power handling capability of 28
dBm average and 36 dBm peak.
The ADRF5301 incorporates a negative voltage generator (NVG) to
operate with a single positive supply of 3.3 V applied to the VDD
pin. The device employs complementary metal-oxide semiconduc-
tor (CMOS)-/low voltage transistor to transistor logic (LVTTL)-com-
patible control.
The ADRF5301 comes in a 20-terminal, 3 mm × 3 mm, RoHS-com-
pliant, land grid array package and can operate from −40°C to
+105°C.


Similar Part No. - ADRF5301BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
More results

Similar Description - ADRF5301BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2185T6R NEC-UPG2185T6R Datasheet
83Kb / 9P
SPDT SWITCH FOR 2 GHz TO 6 GHz
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2422TK CEL-UPG2422TK_09 Datasheet
770Kb / 16P
SPDT Switch for 0.05 GHz to 6.0 GHz
logo
Renesas Technology Corp
PG2415TK RENESAS-PG2415TK Datasheet
238Kb / 14P
0.5 to 6.0 GHz SPDT SWITCH
logo
Analog Devices
HMC8038 AD-HMC8038 Datasheet
407Kb / 11P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
REV. A
logo
Skyworks Solutions Inc.
SKYA21003 SKYWORKS-SKYA21003 Datasheet
175Kb / 2P
0.1 to 6.0 GHz SPDT Switch
SKYA21013 SKYWORKS-SKYA21013 Datasheet
616Kb / 9P
0.1 to 6.0 GHz SPDT Switch
logo
Analog Devices
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com